Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-2121F
Packing List
Part Number
Description
-
1 x ARK-2121 Unit
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
1700009001
1x 2-pin Phoenix to DC-Jack power cable
1960069484N000
2 x LAN clip
Embedded OS
Part Number
Description
2070013717
WES7E 64bit ENG/JP/TC/SC
2070013716
WES8E 64bit ENG/JP/TC/SC
Optional Items
Part Number
Description
96PSA-A65W19P2-2
AC-to-DC Adapter, DC 19V/3.42A 65W, 0 ~ 40° C for
Home and Office Use
1700001524
Power cable 3-pin 183cm, USA type
170203183C
Power cable 3-pin 183cm, EU type
170203180A
Power cable 3-pin 183cm, UK type
AMK-V004E
VESA mounting kit
AMK-R004E
DIN-rail mounting kit
1652003235
10pin DIO Plug in block
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ø4
Ø2.5
6
Detail A
Ø4.6
8.0
264.5
238.2
252.5
Detail A
68.4
3.5
Ordering Information
Part No.
CPU
VGA HDMI/DP* GbE
USB
2.0
USB
3.0
RS-232/
422/485
Audio
Full-size
MiniPCIe SIM mSATA
2.5" SATA II
HDD Bay
Power Input
Operating
Temp.
ARK-2121F-U0A1E Intel Celeron
J1900 2.0GHz
Yes
Yes
2
5
1
6
Lin-out,
Line-in, MIC
2
1
1
1
9 ~ 36 VDC
-20 ~ 70° C
Note: Memory, storage and operating system bundled by request.
*DP is support by project only.
HDMI
HDD LED
PWR LED
MIC
LINE-IN
LAN1 LAN2
Digital IO
USB6
USB5
VGA
USB1 USB2
USB3 USB4
LINE-OUT
COM2
COM1
COM3
COM4
COM5
COM6
ON/OFF
DC INPUT
VESA mount
Wall mount
DIN Rail



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com