Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-2121F
ƒ Intel® Celeron® J1900 Quad Core 2.0 GHz SoC with Turbo boost support
ƒ VGA and HDMI dual independent display
ƒ 6 x COM, 6 x USB, isolated DIO
ƒ 9 ~ 36 VDC wide range power input
ƒ -20 ~ 70° C extend temperature operating
ƒ Mini PCIe expansion with SIM holder for communication module
ƒ mSATA and 1 x 2.5" SATA storage device
ƒ Optional DVI/2nd HDMI/4x GbE by project support
ƒ Internal USB for security dongle
Intel® Celeron® Quad Core J1900 SoC
with Multiple I/Os Fanless Box PC
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
Specifications
ARK-2121F-U0A1E
Processor System
CPU
Intel Celeron Processor J1900 Quad Core SoC
Frequency
2.0 GHz, turbo boost up to 2.42 GHz
L2 Cache
2 MB
BIOS
AMI EFI
Memory
Technology
DDR3L 1333 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel Celeron J1900 SoC integrated, 7th Gen. Intel Graphic core
Graphic Engine
DirectX 11.1, OCL 1.2, OGL 3.2
Encode: H.264, MPEG2/4, VC1, WMV9
Decode: H.264, MPEG2
VGA
Up to 2048 x 1152 @ 60Hz
HDMI
1 HDMI port (default), HDMI 1.4a for HD video playback, 1080P at 60Hz (2nd HDMI support by project only)
DisplayPort*
Up to 2560 x 1600 at 60Hz (by Project only)
DVI-D
Up to 1920 x 1200 at 60Hz (by Project only)
Dual Display
Yes, VGA + HDMI
Ethernet
LAN1/LAN2
10/100/1000Mbps Intel i210 GbE, support Wake On LAN, optional LAN3/LAN4 support by project
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out,Mic-in,Line-in
IO Interface
Serial Ports
6 x RS-232/422/485 with auto flow control
USB Interface
1 x USB 3.0, 5 x USB 2.0, 1 x internal USB 2.0 for security dongle
PS/2
Yes ( by project only)
Other
Watchdog timer
255 levels timer interval, setup by software
Digital I/O
4ch digital input and 4ch digital output with 3kV isolation
Expansion
Mini PCIe
2 x full size Mini PCIe (1 with SIM holder)
Storage
HDD
Supports one SATA 2.5" HDD Bay (Compatible with 12.5mm height HDD) (Max. Data Transfer Rate 600 MB/s)
mSATA
1 x full size mSATA socket, with USB signal co-lay
Software Support
Microsoft Windows
WES8, Windows 8, WES7, Windows 7
Linux
Support by project
Power Requirement
Power Type
ATX
Power Input Voltage
9 ~ 36 VDC
Minimum Power Input
12 V, 1.5 A
Power Adapter
AC to DC, DC19 V/3.42 A, 65 W (Optional)
Power Consumption
Typical
8.4W
Max.
16.2W
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting, Desk/wall-mounting, VESA mounting
Dimensions (W x H x D)
264.5 x 68.4 x 133.0 mm (10.41" x 2.69" x 5.24")
Weight
2.3 kg (5.07 lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 70° C (-4 ~ 158° F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 45° C (32 ~ 112° F) with 0.7m/s air flow
Storage Temperature
- 40 ~ 85° C ( -40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CB, CCC, BSMI
* DisplayPort is supported by project only.
All product specifications are subject to change without notice
Last updated : 5-Oct-2015


Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
AMK-R004E ADVANTECH-AMK-R004E Datasheet
759Kb / 2P
IoT Gateway Starter Kit
More results

Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1123H ADVANTECH-ARK-1123H Datasheet
1Mb / 2P
Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-1123H ADVANTECH-ARK-1123H_15 Datasheet
1Mb / 2P
Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-2121F ADVANTECH-ARK-2121F_15 Datasheet
1Mb / 2P
Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-2121L ADVANTECH-ARK-2121L_15 Datasheet
1Mb / 2P
Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-6322 ADVANTECH-ARK-6322_15 Datasheet
895Kb / 2P
Intel Celeron Quad Core J1900 SoC with 6 COM and 8 USB Fanless Box PC
ARK-2230L ADVANTECH-ARK-2230L Datasheet
1Mb / 4P
Intel Celeron Quad Core J1900 SoC Modular Fanless Box PC
ARK-5261 ADVANTECH-ARK-5261 Datasheet
459Kb / 2P
Intel Celeron Processor J1900 Fanless Embedded BOX PC
ARK-2121LA2 ADVANTECH-ARK-2121LA2 Datasheet
1Mb / 2P
Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
15-Dec-2020
ARK-10 ADVANTECH-ARK-10 Datasheet
1Mb / 2P
Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
8-Sep-2022
ARK-6322 ADVANTECH-ARK-6322 Datasheet
917Kb / 2P
Intel Celeron Quad Core J1900 SoC with 6 COM and 8 USB Fanless Box PC
2-Dec-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com