Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Intel Atom Dual Core D2550
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-2120F
Packing List
Part Number
Description
-
1 x ARK-2120 Unit
-
1 x Utility CD
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
1700009001
1 x 2-pin Phoenix to DC-Jack power cable
Embedded OS
Part Number
Description
2070011953
Image WES7E SP1 x32 ENG/GER/JPN/CT
Optional Items
Part Number
Description
XARK-9NA0904747
AC-to-DC Adapter, DC19 V/4.73 A 90 W, with Phoenix
Power Plug
1700001524
Power cable 3-pin 180cm, USA type
1702002605
Power cable 3-pin 180cm, EU type
1702031801
Power cable 3-pin 180cm, UK type
AMK-V004E
VESA mounting bracket
AMK-R004E
DIN-rail mounting kit for ARK-2000 series
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
3
4
5
6
ANT
COM3
COM4
COM5
COM6
LINE-IN
LINE-OUT
MIC
DC INPUT
BACKLIGHT
DC IN
12V~24V
VCC
GND
LVDS
BACKLIGHT
LVDS
LAN1
LAN2
1
3
2
4
ANT
ON/OFF
HDD LED
PWR LED
VGA
CFast
USB2
USB1
USB4
USB3
HDMI
LAN1
LAN2
Digital IO
1
2
LAN3
5
LAN3
COM2
USB1
COM1
Dimensions
Unit: mm
Ø4
Ø2.5
6
Detail A
Ø4.6
8.0
264.5
238.2
252.5
Detail A
68.39
3.5
Ordering Information
Part No.
CPU
VGA HDMI/
DP
LVDS GbE USB
2.0
RS-232 RS-232/
422/485 DIO
Audio
Full-size
MiniPCIe SIM CFast
2.5" SATA II
HDD Bay
Power Input Operating
Temp.
ARK-2120F-S8A1E Intel Atom
D2550 1.86 GHz Yes
Yes
48-
bits
3
5
2
4
8-bits
Lin-out,
Line-in,
MIC
1
1
1
1
DC 12V-24V
2-pin phoenix
head
-20 ~ 60° C
Note: Memory, storage and operating system bundled by request.
VESA mount
Wall mount
DIN Rail



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com