Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  Intel Atom Dual Core D2550
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
ARK-2120F
ƒ Intel® Atom™ Dual Core D2550 1.86 GHz, DDR3 memory supports up to 4 GB
ƒ VGA, HDMI, 48-bit LVDS, support dual independent display and DirectX 9
ƒ Mini PCIe expansion with SIM holder for communication module, i.e. HSDPA,
WLAN
ƒ Supports up to 3 x GbE, 5 x USB 2.0 and 6 x COMs ports
ƒ Supports external CFast socket and 1 x 2.5" SATA HDD Bay
ƒ Supports 12 ~ 24V wide range DC input
ƒ Lockable DC jack design
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Intel® Atom™ Dual Core D2550 with
3 GbE, 6 COM & Wide Range Power
Fanless Box PC
Specifications
ARK-2120F-S8A1E
Processor System
CPU
Intel Atom D2550
Frequency
1.86 GHz (Dual Core)
L2 Cache
1MB
System Chipset
D2550 + Intel NM10
BIOS
AMI EFI 16Mbit
Memory
Technology
DDR3 1066 MHz (D2550)
Max. Capacity
4 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel Atom D2550
Graphic Engine
DirectX 9 and OpenGL3.0 support
Hardware decode H/W acceleration: MPEG2
H/W Decode/Acceleration: H.264/VC1/WMV9
VGA
Up to 1920 x 1200
HDMI
Supports 1920 x 1200, Max data rate: up to 1.65 Gb/s, Supports HDMI v1.3 Up to 1080p support
LVDS
Supports 48-bit LVDS, up to 2560 x 1600 (D2550)
Dual Display
Yes, (VGA + HDMI, VGA + LVDS, HDMI + LVDS)
Ethernet
LAN1
10/100/1000 Mbps Intel 82583V GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel 82583V GbE, support Wake On Lan
LAN3
10/100/1000 Mbps Intel 82583V GbE, support Wake On Lan
Audio
Interface
Realtek ALC892, High Definition Audio. Line-out, Mic-in, Line-in
IO Interface
Serial Ports
2 x RS-232 ports, 4 x RS-232/422/485 port with auto flow control (by BIOS setting)
USB Interface
5 x USB ports, USB 2.0 Compliant
Other
Digital IO
8-bit
Watchdog Timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
1 x full size Mini PCIe with SIM holder
Storage
HDD
Supports one SATA 2.5" SATA HDD Bay (Compatible with 12.5mm height HDD) (Max. Data Transfer Rate 300 MB/s)
SSD
Supports one external CFast socket
Software Support
Microsoft Windows
Windows 7 32bit, Windows 7 Embedded 32bit (XP Professional & XP Embedded support by project)
Power Requirement
Power Type
AT/ATX
Power Input Voltage
12 VDC ~ 24 VDC
Minimum Power Input
12 V ~ 24 V, 3.0 A ~ 1.5 A
Power Adapter
AC to DC, DC19 V/4.73A, 90 W (Optional)
Power Consumption
Typical
9.2 Watt (with Intel Atom D2550 at 1.8 GHz)
Max.
11.59 Watt (with Intel Atom D2550 at 1.8 GHz)
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting, Desk/wall-mounting, VESA mounting
Dimensions (W x H x D)
264.50 x 68.39 x 133.0 mm (10.41" x 2.69" x 5.24")
Weight
2.5 kg (5.51 lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60° C (-4 ~ 140° F) with air flow
With 2.5-inch hard disk 0 ~ 45° C (32 ~ 112° F) with air flow
Storage Temperature
- 40 ~ 85° C ( -40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 50 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI
All product specifications are subject to change without notice
Last updated : 28-Oct-2016


Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
AMK-R004E ADVANTECH-AMK-R004E Datasheet
759Kb / 2P
IoT Gateway Starter Kit
More results

Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
EPIC Board With Onboard Intel Atom D2550/N2600 Processor
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
Intel Atom D525 Dual Core, 1.80GHz
logo
AAEON Technology
AEC-6643 AAEON-AEC-6643 Datasheet
286Kb / 2P
Embedded Controller with Intel Atom??D2550 B3 Processor
logo
List of Unclassifed Man...
IPPC12A7-RE ETC2-IPPC12A7-RE Datasheet
246Kb / 1P
Dual-Core Intel짰 Atom??Processor D2550
logo
Advantech Co., Ltd.
ARK-20 ADVANTECH-ARK-20_14 Datasheet
1Mb / 2P
Intel짰 Atom??Dual Core D2550 with
HIT-BX1-ATI1E ADVANTECH-HIT-BX1-ATI1E Datasheet
498Kb / 2P
Healthcare Box PC with Intel Atom??D2550 / Core??i3 & i7 Processor
logo
List of Unclassifed Man...
IBOX280 ETC2-IBOX280 Datasheet
730Kb / 1P
Intel Cedarview Atom N2800 Dual Core 1.86GHz
IMB-140D-PLUS ETC2-IMB-140D-PLUS Datasheet
1Mb / 2P
Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
IMB-142 ETC2-IMB-142 Datasheet
1Mb / 2P
Intel Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
Intel Atom N2600 Dual Core 1.6 GHz Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com