Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2012 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RT2012
Description  SURFACE MOUNT TUNING FORK CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RT2012 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RT2012 Datasheet HTML 1Page - Raltron Electronics Corporation RT2012 Datasheet HTML 2Page - Raltron Electronics Corporation RT2012 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT TUNING FORK CRYSTAL
Page 1 of 3
TCXO
Page 1 of 3
SERIES RT2012
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3
r d ST R E E T  Mi a m i , F l o ri d a 3 3 1 7 2  U . S . A .
Telephone: 305-593-6033  Fax: 305-594-3973  e-mail: sales@raltron.com  web site: http://www.raltron.com
FEATURES
ULTRA SMALL PACKAGE OF 2.0 x 1.2 x 0.6 mm
32.768 KHz
PRECISION SEALED UNIT
SPECIFICATIONS
PART NUMBERING SYSTEM
TYPE
-
FREQUENCY
KHz
-
LOAD
CAPACITANCE
pF
-
TOLERANCE
PPM
-
EXTENDED
TEMPERATURE
-
TAPE
&
REEL
RT2012
-
32.768
-
9 or 12.5
-
BLANK for 50 ppm
10, 20 or 30
-
EXT
-
TR
EXAMPLE: RT2012-32.768-12.5-20-EXT-TR
Surface Mount Tuning Fork Crystal, 2.0 mm x 1.2 mm package, 32.768 KHz, 12.5 pF load, ±20 ppm Tolerance,
Operating Temperature from -40°C to +85°C, Tape and Reel packaging
PARAMETER
VALUE
FREQUENCY RANGE
32.768 KHz
MODE OF OSCILLATION
FUNDAMENTAL
FREQUENCY TOLERANCE AT 25°C
±50 PPM MAXIMUM
(±10, AND ±20 PPM AVAILABLE)
FREQUENCY STABILITY OVER TEMPERATURE
-0.03 ±0.01 PPM / °C
2
OPERATING TEMPERATURE RANGE
-40°C TO +85°C
STORAGE TEMPERATURE RANGE
-55°C TO +125°C
AGING
±3 PPM PER YEAR MAXIMUM
LOAD CAPACITANCE
9.0 pF or 12.5 pF
EQUIVALENT SERIES RESISTANCE
90 K
 MAX
SHUNT CAPACITANCE
1.5 pF MAXIMUM
DRIVE LEVEL
0.5 µW TYP
SHOCK RESISTANCE
±5 PPM MAXIMUM 75 cm DROP TEST IN
3 AXES ONTO A HARD SURFACE
REFLOW CONDITIONS
260°C ±5°C FOR 10s MAXIMUM


Similar Part No. - RT2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT2012 ETC1-RT2012 Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RT2012K100CS ETC1-RT2012K100CS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RT2012K100GS ETC1-RT2012K100GS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RT2012M100CS ETC1-RT2012M100CS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
RT2012M100GS ETC1-RT2012M100GS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
More results

Similar Description - RT2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTX520 ETC1-JTX520 Datasheet
48Kb / 1P
Surface Mount Tuning Fork Crystal
logo
Raltron Electronics Cor...
RSE-32.768-12.5-B RALTRON-RSE-32.768-12.5-B Datasheet
107Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL
RSE-32.768-12.5-C RALTRON-RSE-32.768-12.5-C Datasheet
101Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL
RSE-32.768-12.5-D RALTRON-RSE-32.768-12.5-D Datasheet
84Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL
RSE RALTRON-RSE Datasheet
31Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSEH15 RALTRON-RSEH15 Datasheet
26Kb / 1P
SURFACE MOUNT TUNING FORK CRYSTAL UNIT
RSM200S RALTRON-RSM200S_17 Datasheet
335Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
RT1610 RALTRON-RT1610 Datasheet
163Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
RT3215 RALTRON-RT3215_16 Datasheet
102Kb / 4P
SURFACE MOUNT TUNING FORK CRYSTAL
RT4115 RALTRON-RT4115_16 Datasheet
146Kb / 3P
SURFACE MOUNT TUNING FORK CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com