Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2012 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # RT2012
Description  SURFACE MOUNT TUNING FORK CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RT2012 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  RT2012 Datasheet HTML 1Page - Raltron Electronics Corporation RT2012 Datasheet HTML 2Page - Raltron Electronics Corporation RT2012 Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT TUNING FORK CRYSTAL
Page 2 of 3
TCXO
Page 2 of 3
SERIES RT2012
R A L T R O N E L E C T R O N I C S  1 0 4 0 0 N . W . 3 3
r d ST R E E T  Mi a m i , F l o ri d a 3 3 1 7 2  U . S . A .
Telephone: 305-593-6033  Fax: 305-594-3973  e-mail: sales@raltron.com  web site: http://www.raltron.com
MECHANICAL SPECIFICATION
CARRIER TAPE DIMENSIONS
2.0 ±0.1
0.078±.004
MARKING
AREA
0.52
0.02
CONNECTION
0.94
0.037
SOLDER PATTERN
1.5
.06
0.7
.028
1.5 DIA
.06 DIA
.16 ± .004
4.0 ± 0.1
2.0 ± 0.05
.079 ± .002
NOTE: REFER TO EIA-481 FOR DIMENSIONS
PACKAGING
180 mm REEL DIAMETER
8 mm TAPE WIDTH
QUANTITY: 3000 PIECES PER REEL
IN ACCORDANCE WITH EIA-481



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com