Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846AS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # BC846AS
Description  65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846AS Datasheet(HTML) 6 Page - Diodes Incorporated

  BC846AS Datasheet HTML 1Page - Diodes Incorporated BC846AS Datasheet HTML 2Page - Diodes Incorporated BC846AS Datasheet HTML 3Page - Diodes Incorporated BC846AS Datasheet HTML 4Page - Diodes Incorporated BC846AS Datasheet HTML 5Page - Diodes Incorporated BC846AS Datasheet HTML 6Page - Diodes Incorporated BC846AS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BC846AS
Document number: DS30833 Rev. 8 - 2
6 of 7
www.diodes.com
October 2017
© Diodes Incorporated
BC846AS
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
e
D
L
E1
b
E
F
A2
A1
c
a
SOT363
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
1.00
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
0
°
8
°
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
G
1.300
X
0.420
Y
0.600
Y1
2.500
Y1
G
Y
X
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com