Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846AS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC846AS
Description  65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846AS Datasheet(HTML) 3 Page - Diodes Incorporated

  BC846AS Datasheet HTML 1Page - Diodes Incorporated BC846AS Datasheet HTML 2Page - Diodes Incorporated BC846AS Datasheet HTML 3Page - Diodes Incorporated BC846AS Datasheet HTML 4Page - Diodes Incorporated BC846AS Datasheet HTML 5Page - Diodes Incorporated BC846AS Datasheet HTML 6Page - Diodes Incorporated BC846AS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BC846AS
Document number: DS30833 Rev. 8 - 2
3 of 7
www.diodes.com
October 2017
© Diodes Incorporated
BC846AS
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic (Note 7)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
80
—
—
V
IC = 100µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCEO
65
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
—
—
V
IE = 100µA, IC = 0
DC Current Gain
hFE
110
—
220
—
VCE = 5V, IC = 2mA
Collector-Emitter Saturation Voltage
VCE(SAT)
—
90
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
Base-Emitter Saturation Voltage
VBE(SAT)
—
700
900
—
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
Base-Emitter Voltage
VBE(ON)
580
—
660
—
700
770
mV
VCE = 5V, IC = 2mA
VCE = 5V, IC = 10mA
Collector-Cutoff Current
ICBO
—
—
—
—
15
5
nA
µA
VCB = 40V
VCB = 30V, TA = +125°C
Emitter-Cutoff Current
ICES
—
—
15
nA
VCE = 80V, IC = 0
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
2.0
—
pF
VCB = 10V, f = 1MHz
Note:
7.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com