Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847AT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847AT
Description  45V NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847AT Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847AT Datasheet HTML 1Page - Diodes Incorporated BC847AT Datasheet HTML 2Page - Diodes Incorporated BC847AT Datasheet HTML 3Page - Diodes Incorporated BC847AT Datasheet HTML 4Page - Diodes Incorporated BC847AT Datasheet HTML 5Page - Diodes Incorporated BC847AT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC847AT, BT, CT
Document number: DS30274 Rev. 10 - 2
2 of 6
www.diodes.com
September 2016
© Diodes Incorporated
BC847AT, BT, CT
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
150
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 6)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge
– Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the collector lead on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR-4 PCB; device is
measured under still air conditions whilst operating in a steady-state.
6. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
Thermal Characteristics and Derating Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com