Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847AT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847AT
Description  45V NPN SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847AT Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847AT Datasheet HTML 1Page - Diodes Incorporated BC847AT Datasheet HTML 2Page - Diodes Incorporated BC847AT Datasheet HTML 3Page - Diodes Incorporated BC847AT Datasheet HTML 4Page - Diodes Incorporated BC847AT Datasheet HTML 5Page - Diodes Incorporated BC847AT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC847AT, BT, CT
Document number: DS30274 Rev. 10 - 2
3 of 6
www.diodes.com
September 2016
© Diodes Incorporated
BC847AT, BT, CT
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Collector-Base Breakdown Voltage
BVCBO
50

V
IC = 10µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
45

V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6.0

V
IE = 10µA, IC = 0
ON CHARACTERISTICS (Note 7)
DC Current Gain
Current Gain A
B
C
hFE
110
200
420

290
520
220
450
800
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
Base-Emitter Saturation Voltage
VBE(SAT)

700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
Base-Emitter Voltage
VBE
580
—
660
—
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Emitter Cutoff Current
ICBO
—
—
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = +150°C
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
COBO
4.5
pF
VCB = 10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
100
MHz
VCE = 5V, IC = 10 A,
f = 100MHz
Noise Figure
BC847BT
BC847CT
NF
1.0
4.0
dB
VCE = 5V, RS = 2kΩ,
f = 1MHz, BW = 200Hz
Note:
7.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com