Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BFAQ-7B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847BFAQ-7B
Description  45V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BFAQ-7B Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847BFAQ-7B Datasheet HTML 1Page - Diodes Incorporated BC847BFAQ-7B Datasheet HTML 2Page - Diodes Incorporated BC847BFAQ-7B Datasheet HTML 3Page - Diodes Incorporated BC847BFAQ-7B Datasheet HTML 4Page - Diodes Incorporated BC847BFAQ-7B Datasheet HTML 5Page - Diodes Incorporated BC847BFAQ-7B Datasheet HTML 6Page - Diodes Incorporated BC847BFAQ-7B Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BC847BFAQ
Document number: DS38755 Rev. 1 - 2
1 of 7
www.diodes.com
May 2016
© Diodes Incorporated
BC847BFAQ
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent
requirements of Automotive Applications.
Features
BVCEO > 45V
IC = 100mA High Collector Current
PD = 435mW Power Dissipation
0.48mm
2
Package Footprint, 16 Times Smaller than SOT23
0.4mm Height Package Minimizing Off-Board Profile
Complementary PNP Type BC857BFA
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: X2-DFN0806-3
Case Material: Molded Pla
stic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu, Solderable per MIL-STD-202,
Method 208
Weight: 0.0008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BC847BFAQ-7B
Automotive
1F
7
8mm
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
1F = Product Type Marking Code
Top View
Device Schematic
Bottom View
X2-DFN0806-3
Device Symbol
C
E
B
Top View
Bar Denotes Base
and Emitter Side
1F
Top View
X2-DFN0806-3
B
E
C
e4


Similar Part No. - BC847BFAQ-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFA DIODES-BC847BFA Datasheet
284Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 3
BC847BFA-7B DIODES-BC847BFA-7B Datasheet
284Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 3
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 2
More results

Similar Description - BC847BFAQ-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP_11 Datasheet
135Kb / 5P
45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 11
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
BC847CDLP DIODES-BC847CDLP_15 Datasheet
204Kb / 6P
45V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 7
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 2
AC847BQ DIODES-AC847BQ Datasheet
333Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 1
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 21
BC847AT DIODES-BC847AT_16 Datasheet
316Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 10
BC847BFA DIODES-BC847BFA Datasheet
284Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 3
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com