Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3552A Datasheet(PDF) 21 Page - Micronas

Part # UAC3552A
Description  Universal Serial Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

UAC3552A Datasheet(HTML) 21 Page - Micronas

Back Button UAC3552A Datasheet HTML 17Page - Micronas UAC3552A Datasheet HTML 18Page - Micronas UAC3552A Datasheet HTML 19Page - Micronas UAC3552A Datasheet HTML 20Page - Micronas UAC3552A Datasheet HTML 21Page - Micronas UAC3552A Datasheet HTML 22Page - Micronas UAC3552A Datasheet HTML 23Page - Micronas UAC3552A Datasheet HTML 24Page - Micronas UAC3552A Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PRELIMINARY DATA SHEET
UAC 3552A
Micronas
21
Quartz Characteristics
TAC
Ambient Temperature Range
0
70
°C
FP
Load Resonance Frequency
at Cl = 20 pF
12
MHz
∆F/F
s
Accuracy of Adjustment
−20
20
ppm
∆F/F
s
Frequency Variation
versus Temperature
−20
20
ppm
REQ
Equivalent Series Resistance
12
30
Ω
C0
Shunt (parallel) Capacitance
3
5
pF
Voltage Regulator
CVREG1
Voltage Regulator Capacitor
VREG
1.0
3.3
µF
CVREG2
Voltage Regulator Capacitor
VREG
10
nF
Transceiver
RUSB
Input Serial Resistance
DPLUS/
DMINUS
24
(
±0.5 %)
Ω
CUSB
Shunt Capacitor
DPLUS/
DMINUS
22
pF
1) Please refer to Section 4.1. “Recommended Low-Pass Filters for Analog Outputs” on page 26.
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com