Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPTF Datasheet(PDF) 2 Page - Central Technologies

Part # CTPTF
Description  SMD PoE Power Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTPTF Datasheet(HTML) 2 Page - Central Technologies

  CTPTF Datasheet HTML 1Page - Central Technologies CTPTF Datasheet HTML 2Page - Central Technologies CTPTF Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.02.14
www.ctparts.com
SPECIFICATIONS
SMD PoE Power Transformers
Part Number
(1)
Turns Ratio
Pri:Sec:AUX
(2)
Inductance
±10%
(µH)
Input
(3)
Leakage Inductance
Max.
(µH)
(4)
DCR
Max.
(
W)
Schematic
(5)
Output
Voltage
Pri
Aux
Sec
CTPTf-2502EP10
1:0.100:0.150
25.2
36~72V, 300KHz
2.0
0.25
0.02
0.0035
B
Vo=3.3V/10W, 5V/100mA
CTPTf-2512EP10
1:0.083:0.208
253
33~57V, 200KHz
7.5
0.42
0.115
0.0075
A
Vo=3.3V/7W, 8V/20mA
CTPTf-1511EP10
1:0.182:0.682
155
33~57V, 200KHz
5.0
0.53
0.90
0.031
A
Vo=3.3V/7W, 12V/20mA
CTPTf-2001EP10
1:0.222:0.555
20.4
90~50V, 200KHz
1.5
0.08
0.15
0.0075
A
Vo=3.3V/10W, 8V/20mA
CTPTf-2002EP10
1:0.444:0.388
20.4
9~50V, 200KHz
1.5
0.08
0.105
0.03
A
Vo=3.3V/10W, 5V/20mA
CTPTf-2513EP10
1:0.125:0.208
253
33~57V, 200KHz
7.5
0.42
0.115
0.016
A
Vo=5V/7W, 8V/20mA
CTPTf-1512EP10
1:0.273:0.682
155
33~57V, 200KHz
5.0
0.57
1.00
0.040
A
Vo=5V/7W, 12V/20mA
CTPTf-2611EP10
1:0.286:0.204
264
33~57V, 200KHz
7.5
0.80
0.115
0.045
A
Vo=12V/7W, 8V/20mA
CTPTf-1611EP10
1:0.682:0.682
155
33~57, 200KHz
5.0
0.54
0.92
0.37
A
Vo=12V/7W, 12V/20mA
eP10 8PIN SMD
Schematics
0.6±0.1
5
8
4
1
2.5
10.5
Suggested Pad Layout
2.50±0.1
14.0Max.
14.8Max.
3
4
2
1
6,5
8,7
A
PRI
SEC
AUX
4
6
5
3
7,8
1,2
B
PRI
SEC
AUX
PHySICAl dImENSIONS
eP10 8PIN SMD (Unit: mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com