Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPTF Datasheet(PDF) 3 Page - Central Technologies

Part # CTPTF
Description  SMD PoE Power Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTPTF Datasheet(HTML) 3 Page - Central Technologies

  CTPTF Datasheet HTML 1Page - Central Technologies CTPTF Datasheet HTML 2Page - Central Technologies CTPTF Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.02.14
www.ctparts.com
eP13 10PIN SMD (Unit: mm)
SPECIFICATIONS
Part Number
(1)
Turns Ratio
Pri:Sec:AUX
(2)
Inductance
±10%
(µH)
Input
(3)
Leakage Inductance
Max.
(µH)
(4)
DCR
Max.
(
W)
Schematic
(5)
Output
Voltage
Pri
Aux
Sec
CTPTf-1213EP13
1:0.083:0.208
127
33~5V, 200KHz
7.5
0.44
0.088
0.006
A
Vo=3.3V/13.5W, 8V/20mA
CTPTf-1611EP13
1:0.167:0.639
155.5
33~57V, 200KHz
5.0
0.33
0.65
0.011
B
Vo=3.3V/11W, 12V/20mA
CTPTf-7801EP13
1:0.182:0.682
77.4
33~57V, 200KHz
5.0
0.10
0.27
0.0085
A
Vo=3.3V/13.5W, 12V/20mA
CTPTf-1212EP13
1:0.125:0.208
127
33~57V, 200KHz
7.5
0.46
0.094
0.012
A
Vo=5V/13.5W, 8V/20mA
CTPTf-7701EP13
1:0.273:0.682
77.4
33~57V, 200KHz
0.8
0.22
0.25
0.018
A
Vo=5V/13.5W, 12V/20mA
CTPTf-1211EP13
1:0.292:0.208
127
33~57V, 200KHz
7.5
0.46
0.094
0.055
A
Vo=12V/13.5W, 8V/20mA
CTPTf-7802EP13
1:0.682:0.682
77.4
33~57V, 200KHz
5.0
0.10
0.27
0.075
A
Vo=12V/13.5W, 12V/20mA
CTPTf-2801EP13
1:0.470:0.294
28.9
33~57V, 200KHz
1.0
0.058
0.055
0.027
A
Vo=15V/27W, 8V/20mA
eP13 10PIN SMD
PHySICAl dImENSIONS
5
6
1
10
17.5Max.
13.36
2.5±0.1
18.12
Suggested Pad Layout
Schematics
3
4
2
1
7,8
9,10
A
PRI
SEC
AUX
1
4
5
2
7,8
9,10
B
PRI
SEC
AUX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com