Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
ARK-2150L
Packing List
Part Number
Description
-
1 x ARK-2150 Unit
-
1 x Utility CD
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
Embedded OS
Part Number
Description
2070011831
Image WES7E SP1 x32 ENG/JP/TC/SC
2070011830
Image WES2009 V4.2 multi 24 language
Ordering Information
Part No.
CPU
RAM
VGA HDMI/
DP*
GbE
USB
3.0
USB
2.0
RS-232 RS-232/
422/485
DIO
Half-size
Mini PCIe
Full-size
Mini PCIe SIM
2.5" SATAII
HDD Bay
Power Input
Operation
Temp.
OS
ARK-2150L-S4A1E
Intel Celeron
1.4GHz 1047UE
upto
8GB
Yes
Yes
2
2
4
2
2
8-bits
1
2
1
1
DC 12V
Lockable DC Jack -20 ~ 60° C -
ARK-2150L-S6A1E
Intel Core i3 ULV
1.6GHz 3217UE
upto
8GB
Yes
Yes
2
2
4
2
2
8-bits
1
2
1
1
DC 12V
Lockable DC Jack -20 ~ 60° C -
ARK-2150L-S7A1E
Intel Core i7 ULV
1.7GHz 3517UE
upto
8GB
Yes
Yes
2
2
4
2
2
8-bits
1
2
1
1
DC 12V
Lockable DC Jack -20 ~ 60° C -
ARK-2150LS-S7A1E
Intel Core i7 ULV
1.7GHz 3517UE
4GB
built in
Yes
Yes
2
2
4
2
2
8-bits
1
2
1
500GB HDD
built in
DC 12V
1757004339-01
bundled
0 ~ 45° C
WES7E 64
bit built-in
ENG/JP/
TC/SC
Note: Memory, storage and operating system bundled by request.
*DP function is supported by project.
Optional Items
Part Number
Description
96PSA-A60W12W6
AC to DC Adaptor, DC 12V/5A 60W, with lock
1702002600
Power cable 3-pin 180cm, USA type
1702031801
Power cable 3-pin 180cm, UK type
1702002605
Power cable 3-pin 180cm, EU type
1700000237
Power cable 3-pin 180cm, with PSE
AMK-V004E
VESA mounting kit
AMK-R004E
DIN-rail mounting kit
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
VGA
USB2
USB1
USB4
USB3 HDMI/DP*
HDD LED
PWR LED
LAN1
LAN2
LINE-IN
LINE-OUT
MIC
COM4
COM3
COM2
COM1
Digital IO
USB6
USB5
DC INPUT
ON/OFF
252.5
Detail A
Ø4.6
8.0
6
264.5
238.2
Ø4
Ø2.5
Detail A
75.05
3.5
Unit: mm
VESA mount
Wall mount
DIN Rail



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com