Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R004E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R004E
Description  3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R004E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R004E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R004E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
ARK-2150L 3rdGenerationIntel®Core™i3/i7with
Dual Independent Display Fanless Box PC
ƒ Intel® Core i7, i3 and Celeron processors + Intel QM77 PCH
ƒ 1 x DDR3/DDR3L, SO-DIMM support up to 8 GB
ƒ DirectX11, OpenGL3.1, OpenCL1.1, dual independent display: VGA + HDMI/
DisplayPort*
ƒ Supports Intel AMT8.0,
ƒ Supports up to 2 x GbE, 2 x USB 3.0, 4 x USB 2.0 and 4 x COMs ports
ƒ Supports 1 x internal mSATA socket and 1 x 2.5" SATA HDD Bay
ƒ Lockable DC jack design
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
ARK-2150L-S4A1E
ARK-2150L-S6A1E
ARK-2150L-S7A1E
Processor System
CPU
Intel Celeron 1047UE
Intel ULV Core i3 3217UE
Intel ULV Core i7 3517UE
Frequency
Dual Core 1.4 GHz
Dual Core 1.6 GHz
Dual Core 1.7 GHz
(Max Turbo Frequency 2.8 GHz)
L3 Cache
2 MB
3 MB
4 MB
System Chipset
Intel QM77
BIOS
AMI EFI 64Mbit
Memory
Technology
DDR3 1600MHz, DDR3L 1333 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel QM77 Integrated GFX Gen 7
Graphic Engine
DirectX11, OpenGL 3.1, and Open CL 11
Hardware decode acceleration: AVC/H.264, M PEG-2, VC-1
VGA
Integrated 340.4MHz RAMDAC, Max resolution up to 2048 x 1536 @ 75Hz
HDMI/DP*
Supports HDMI 1.4 for HD Video playback (no hotplug support)
Max resolution up to 2560 x 1600 @ 60Hz on DisplayPort*, Max resolution up to 1920 x 1200 @ 60Hz on HDMI
Dual Display
Yes, VGA + HDMI or VGA + DisplayPort*
Ethernet
LAN1
10/100/1000 Mbps Intel 82579LM GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel 82583V GbE, support Wake On Lan
Audio
Interface
Realtek ALC892, High Definition Audio. Line-out,Mic-in,Line-in
I/O Interface
Serial Ports
2 x RS-232 ports, 2 x RS-232/422/485 port with auto flow control
USB Interface
2 x USB 3.0 ports and 4 x USB 2.0 ports
Other
Digital I/O
8-bits programmable general purpose input/output
Watchdog timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
2 x Full-size Mini PCIe (One supports mSATA & the other with SIM holder)
1 x Half-size Mini PCIe
Storage
HDD
Supports one SATA 2.5" SATA HDD Bay (Compatible with 12.5mm height HDD) (Max. Data Transfer Rate 600 MB/s)
SSD
Supports one internal mSATA socket
Software Support
Microsoft Windows
Windows 7, Windows 7 Embedded, XP Professional, XP Embedded
Linux
Ubuntu 12.04
Power Requirement
Power Type
AT/ATX
Power Input Voltage
12 VDC, ± 10%
Minimum Power Input
12 V, 4 A
Power Adapter
AC to DC, DC12 V/5 A, 60 W (Optional)
Power Consumption
Typical
9.6 Watt (with Intel Core i7 3517UE CPU and 2 GB memory)
Max.
24.96 Watt (with Intel Core i7 3517UE CPU and 2 GB memory)
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting, Desk/wall-mounting, VESA mounting
Dimensions (W x H x D)
264.5 x 75.1 x 133.0 mm (10.41" x 2.96" x 5.24")
Weight
2.3 kg (5.07 lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60° C (-4 ~ 140° F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 45° C (32 ~ 112° F) with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C ( -40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 50 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI
*DisplayPort function is supported by project (no hotplug support)
NEW
All product specifications are subject to change without notice
Last updated : 20-Apr-2016


Similar Part No. - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
AMK-R004E ADVANTECH-AMK-R004E Datasheet
1Mb / 2P
In-Vehicle Full HD NVR w/4 PoE Ports 4th Gen
AMK-R004E ADVANTECH-AMK-R004E Datasheet
759Kb / 2P
IoT Gateway Starter Kit
More results

Similar Description - AMK-R004E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TKS-G50-QM77 AAEON-TKS-G50-QM77 Datasheet
389Kb / 2P
EmBox with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L Datasheet
836Kb / 2P
Intel짰 3rd Generation Core i3-3217UE/i7-3517UE High Performance Fanless Embedded Box PC
logo
AAEON Technology
TKS-G21-QM77 AAEON-TKS-G21-QM77 Datasheet
278Kb / 2P
Fanless Embedded Box for Intel R 3rd Generation Core Tm i7/i3/Celeron R Mobile Processor
TKS-G21-QM77B AAEON-TKS-G21-QM77B Datasheet
318Kb / 2P
Fanless Embedded Box for Intel 3rd Generation Core i7/i3/Celeron Mobile Processor
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_15 Datasheet
1Mb / 2P
3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
ARK-2250L ADVANTECH-ARK-2250L Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
ARK-3510 ADVANTECH-ARK-3510 Datasheet
1Mb / 2P
3rd Gen. Intel Core i3/ i5/ i7 with 2 x 2.5' Removable HDD Bays Fanless Box PC
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
ARK-2250LA2 ADVANTECH-ARK-2250LA2 Datasheet
903Kb / 4P
Intel 6th/7th Generation Core??i3/i5/i7 Modular Fanless Box PC
12-Jul-2021
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com