Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 3Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-2250L
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part No.
CPU
VGA HDMI GbE USB
2.0
USB
3.0
RS-232/
422/485 DIO Audio
Full-size
MiniPCIe SIM mSATA
2.5" SATA II
HDD Bay
Power Input Operating
Temp.
ARK-2250L-U6A1E
Intel Core i7-6600U Yes
Yes
2
2
4
4
1
Lin-out,
Mic-in
2
1
1
1
12 VDC
-20 ~ 60 °C
ARK-2250L-U3A1E
Intel Core i3-6100U Yes
Yes
2
2
4
4
1
Lin-out,
Mic-in
2
1
1
1
12 VDC
-20 ~ 60 °C
Note: Memory, storage and operating system bundled by request.
* i5-6300U is supported by T-PN, MOQ 30pcs.
*Power Input module by option
Packing List
Part Number
Description
-
1 x ARK-2250L Unit
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
-
2 x Wall mounting bracket
-
2 x LAN Clip
88.60
288.00
260.40
260.00
HDMI
USB3 USB1
USB4 USB2
USB5
USB6
LAN1
LAN2
LINE-OUT
VGA
DC INPUT
i Door Module
HDD LED
PWR LED
MIC
ON/OFF
COM3
COM1
COM4
COM2
Digital IO
Display Module
HDMI
USB3 USB1
USB4 USB2
USB5
USB6
LAN1
LAN2
LINE-OUT
VGA
DC INPUT
i Door Module
HDD LED
PWR LED
MIC
ON/OFF
COM3
COM1
COM4
COM2
Digital IO
Display Module



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com