Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 3Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fanless Embedded Box PCs
Features
ARK-2250L
ƒ Intel 6th Gen Intel® Core™ U-series (i3/i5/i7)
ƒ VGA and HDMI dual display, option 3rd display for triple display
ƒ 12V lockable DC jack power input
ƒ 9-36V optional power module compatible with all-in-one ordering
ƒ -20 ~ 60 °C extend temperature operating
ƒ 2 x full size mPCIe expansion for WIFI/Cellular communication module
ƒ 1 x full size mSATA and 1 x 2.5" SATA storage device
ƒ Advantech iDoor module compatible
ƒ Advantech ARK Plus module support by dual layer configurations
Intel 6th Generation Core™ i3/i5/i7
Modular Fanless Box PC
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
Specifications
Processor System
CPU
Intel Core i7 6600U
Intel Core i5 6300U (Support by T-PN)
Intel Core i3 6100U
Base Frequency
2.6 GHz (Dual-Core)
2.4 GHz (Dual-Core)
2.3 GHz (Dual Core)
L3 Cache
4MB
3MB
3MB
BIOS
AMI UEFI 128 Mbit
Memory
Technology
DDR3L 1600 MHz
Max. Capacity
16 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Controller
Intel HD Graphics 520
Graphic Engine
DirectX 11.3, OpenGL 4.4, and OpenCL 2.1
Full AVC/VC1/MPEG2 HW Decode
VGA
Up to 1920 x 1200 @ 60Hz (No hotplug support)
HDMI
HDMI 1.4a for HD video playback, 4096 x 2160 @ 24Hz
Dual Display
Yes, VGA + HDMI
Opional display Module
HDMI, DP and DVI-D (DVI-D only for China)
Triple Display
VGA+HDMI+Optional display module
Ethernet
LAN1
10/100/1000 Mbps Intel i219 GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel i210 GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out, Mic-in
IO Interface
Serial Ports
4 x RS-232/422/485 port with auto flow control
USB Interface
4 x USB 3.0, 2 x USB 2.0
DIO
8bit
Other
Watchdog timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
2 x full size Mini PCIe with (CN15 with SIM holder)
iDoor
1 set (option)
Storage
HDD
Supports one SATA 2.5" HDD Bay (Compatible with 12.5mm height HDD) (Max. Data Transfer Rate 300 MB/s)
SSD
1 x full size mSATA socket (CN15, shared with mPCIe)
Software Support
Microsoft Windows
Windows 10, Windows 8.1, WES7, Windows 7
Linux
Support by project
Power Requirement
Power Type
ATX
Power Input Voltage
12VDC (9-36V as option)
Minimum Power Input
12 V, 5 A
Power Adapter
AC to DC, DC12V/5A, 60W (Option)
Power Consumption
Typical
7.96 Watt
7.8 Watt
6.92 Watt
Max.
43.28 Watt
42.8 Watt
41.72 Watt
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting, Desk/wall-mounting, VESA mounting
Dimensions (W x H x D)
260 x 54 x 140.2 mm (10.24" x 2.13" x 5.52")
Weight
2.3 kg (5.07 lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60 °C (-4 ~ 140 °F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 45 °C (32 ~ 113 °F) with 0.7m/s air flow
Storage Temperature
- 40 ~ 85 °C ( -40 ~ 185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class B, CCC, BSMI
Safety Certifications
UL, CCC, BSMI
All product specifications are subject to change without notice.
Last updated: 20-Jul-2017


Similar Part No. - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R005E ADVANTECH-AMK-R005E Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
AMK-R005E ADVANTECH-AMK-R005E Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
AMK-R005E ADVANTECH-AMK-R005E Datasheet
937Kb / 2P
High-Performance Edge Intelligence System
2-Jun-2020
More results

Similar Description - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
4th Generation Intel Core i7/i5/i3 processor
CAPA881 AXIOMTEK-CAPA881_17 Datasheet
321Kb / 1P
4th/5th generation Intel Core i7/i5/i3 & Celeron
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
C-BUNDLE-ARK1550-1 ADVANTECH-C-BUNDLE-ARK1550-1 Datasheet
994Kb / 2P
15 Intel 4th Generation Core i5 Modular Fanless Panel PC
ARK-2250LA2 ADVANTECH-ARK-2250LA2 Datasheet
903Kb / 4P
Intel 6th/7th Generation Core??i3/i5/i7 Modular Fanless Box PC
12-Jul-2021
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3530L ADVANTECH-ARK-3530L Datasheet
928Kb / 3P
Intel®Xeon® E3 / Core™ i3/i5/i7 LGA1151 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com