Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96TSC-2KX2K-RUD01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 96TSC-2KX2K-RUD01
Description  7 WSVGA Intelligent Display kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96TSC-2KX2K-RUD01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  96TSC-2KX2K-RUD01 Datasheet HTML 1Page - Advantech Co., Ltd. 96TSC-2KX2K-RUD01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Display Solutions
All product specifications are subject to change without notice
Last updated : May -7-2014
C-IDK1107WP50WS
·
ECGInfo@advantech.com Toll Free: 1-800-866-6008 www.advantech.com
·
·
Product Contact Information:
Advantech Corp
13 Whatney
Irvine, CA. 92618
Toll free: 800-866-6008 Tel: 959-420-2500
www.Advantech.com
Email: ecginfo@advantech.com
Dimensions
Unit: mm
Packing List
Part Number
Description
1700020324-01
1x USB Touch cable
96TSC-2KX2K-RUD01
Touch Controller
Model Name
Description
C-IDK1107WP50WS-01
7.0” 1024X600 P-Cap Touch LCD
Note: Package contents are subject to change without prior notice
Ordering Information
SBC Part No:
MIO-5290
AIMB-273
PCM-9363
LVDS cable
96CB-L2040PID4
96CB-L2040PID4
96CB-L2020PID2
Backlight cable
96CB-E0505PAC3
96CB-E0505PAC3
96CB-E0505PAC3
Optional Order for C-IDK1107WP50WS-01
Product packing dimension: 250L x 100W x 200H (mm), 0.19 (kg)
±0.50
104.44
±0.50
165.50
0
6
.
2
5
8
.
2
0.40±0.50
±0.17
1.65
5.05±0.30
9.01±0.50
93.44
31.30±0.25
AA
±0.25
152.40
VA
±0.25
±0.75
164.90
±0.25
167.50
154.40
AA
±0.25
91.44
VA
±0.25
±0.75
107.94
±0.15
12.50
±0.15
15.50
±2
75
±0.25
10
2.85±0.25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com