Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96TSC-2KX2K-RUD01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 96TSC-2KX2K-RUD01
Description  7 WSVGA Intelligent Display kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96TSC-2KX2K-RUD01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  96TSC-2KX2K-RUD01 Datasheet HTML 1Page - Advantech Co., Ltd. 96TSC-2KX2K-RUD01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
C-IDK1107WP50WS
7” WSVGA Intelligent Display kits
7” LCD support 1024X600 resolution.
Brightness of 500 nits with LED backlight.
P-Cap Touch solution supports up to 4 points multi-touch.
High contrast ration of 700:1.
High uniformity of 85%.
LVDS signal interface.
Low power consumption 4.7w (panel only).
Built in LED driver board.
USB Touch Controller.
Intelligent Display Solutions
All product specifications are subject to change without notice
Last updated : May -7-2014
ECGInfo@advantech.com Toll Free: 1-800-866-6008 www.advantech.com
·
·
Introduction
The Advantech C-IDK1107WP50WS-01 comes with a 7” high resolution industrial grade LCD panel with Projected Capacitive Touch Sensor (P-Cap). The C-IDK1107WP50WS-01
supports up to 4 points multi- touch with low power consumption at approximate 5 w. The C-IDK1107WP50WS-01 is ideal for embedded applications that give customers maximum
flexibility for mechanical design.
Specfications
LCD Panel
Display Size
7” LED backlight Panel (WSVGA)
Resolution
1024 x 600
Viewing Angle (U/D/L/R)
75°/75°(H), 70° /75°(V)
Brightness
500 (cd/m )2
Backlight Life (hrs)
50,000 (Hrs)
Contrast Ratio
700:1
Response Time (ms)
30 ms
Colors Support
6 Bit (262K) / 8 Bit (16.2M)
Voltage
3.3v Power
Consumption
4.7W
Signal Interface
1 channel LVDS
Weight
139 g
Dimensions (W x H x D)
165.5 x 104.4 x 7.4mm
Touch Screen
Touch Screen
Projected Capacitive Touch Sensor
Transparency
90 %
Surface Hardness
≥ 9H
Environment
Operating Temperature
LCD: (-20 – 70)
Touch Screen: (-30 – 70)
Controller Board: (-40 – 85)
LCD: (-30 – 80)
Touch Screen: (-40 – 70)
Controller Board: (-40 – 90)
Storage Temperature
NEW


Similar Part No. - 96TSC-2KX2K-RUD01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
96TS-CTR-5WRC01 ADVANTECH-96TS-CTR-5WRC01 Datasheet
359Kb / 2P
12.1 XGA Industrial Display kit with Touch Solution
10-Mar-2022
More results

Similar Description - 96TSC-2KX2K-RUD01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
5 x 7 Dot Matrix Intelligent Display
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
Intelligent Display Device
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
Intelligent Display Products
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
Intelligent Character Display
logo
Advantech Co., Ltd.
IDK-1107W ADVANTECH-IDK-1107W Datasheet
255Kb / 2P
7" WVGA/WSVGA Industrial Display kit with Touch Solution
C-IDK1107WR ADVANTECH-C-IDK1107WR Datasheet
1Mb / 2P
7.0 WVGA Intelligent Display kits
October - 16 - 2014
IDK-1110WR ADVANTECH-IDK-1110WR Datasheet
492Kb / 2P
10.1 WSVGA Industrial Display kit with Touch Solution
2-May-2019
C-IDK1107WP50WV ADVANTECH-C-IDK1107WP50WV Datasheet
923Kb / 2P
7 WVGA Intelligent Display Kits
April-17-2014
logo
Bridgetek Pte Ltd.
IDM2040-7A BRIDGETEK-IDM2040-7A Datasheet
2Mb / 29P
Intelligent Display Module 7 inch for LDSBus/DMX controller
Version 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com