Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8370 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8370 Datasheet HTML 9Page - Analog Devices AD8370 Datasheet HTML 10Page - Analog Devices AD8370 Datasheet HTML 11Page - Analog Devices AD8370 Datasheet HTML 12Page - Analog Devices AD8370 Datasheet HTML 13Page - Analog Devices AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices AD8370 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8370
Rev. 0 | Page 13 of 28
THEORY OF OPERATION
The AD8370 is a low cost, digitally controlled, fine adjustment
variable gain amplifier that provides both high IP3 and low
noise figure. The AD8370 is fabricated on an ADI proprietary
high performance 25 GHz silicon bipolar process. The –3 dB
bandwidth is approximately 750 MHz throughout the variable
gain range. The typical quiescent current of the AD8370 is
78 mA. A power-down feature reduces the current to less than
4 mA. The input impedance is approximately 200 Ω differential,
and the output impedance is approximately 100 Ω differential to
be compatible with saw filters and matching networks used in
intermediate frequency (IF) radio applications. Because there is
no feedback between the input and output and stages within the
amplifier, the input amplifier is isolated from variations in
output loading and from subsequent impedance changes, and
excellent input to output isolation is realized. Excellent distor-
tion performance and wide bandwidth make the AD8370 a
suitable gain control device for modern differential receiver
designs. The AD8370 differential input and output configuration
is ideally suited to fully differential signal chain circuit designs,
although it can be adapted to single-ended system applications,
if required.
BLOCK ARCHITECTURE
The three basic building blocks of the AD8370 are a high/low
gain selectable input preamplifier, a digitally controlled
transconductance (gm) block, and a fixed gain output stage.
INHI
INLO
OPHI
OPLO
VCCO
OCOM
ICOM
VOCM
PWUP
VCCO
OCOM
VCCI
ICOM
BIAS CELL
SHIFT REGISTER
AND LATCHES
PRE
AMP
TRANSCONDUCTANCE
OUTPUT
AMP
11
6
1
16
4
14
13
12
5
9
8
3
2
10
7
15
DATA CLCK LTCH
AD8370
Figure 35. Functional Block Diagram
PREAMPLIFIER
There are two selectable input preamplifiers. Selection is made
by the most significant bit (MSB) of the serial gain control data-
word. In the high gain mode, the overall device gain is 7.1 Volts/
Volt (17 dB) above the low gain setting. The two preamplifiers
give the AD8370 the ability to accommodate a wide range of
input amplitudes. The overlap between the two gain ranges
allows the user some flexibility based on noise and distortion
demands. See the Choosing between Gain Ranges section for
more information.
The input impedance is approximately 200 Ω differential,
regardless of which preamplifier is selected. Note that the input
impedance is formed by using active circuit elements and is not
set by passive components. See Figure 36 for a simplified
schematic of the input interface.
1mA
1mA
VCC/2
2k
Ω
INHI/INLO
Figure 36. INHI/INLO Simplified Schematic
TRANSCONDUCTANCE STAGE
The digitally controlled gm section has 42 dB of controllable
gain and makes gain the adjustments within each gain range.
The step size resolution ranges from a fine ~ 0.07 dB up to a
coarse 6 dB per bit, depending on the gain code. As shown in
Figure 37, of the 42 dB total range, 28 dB has resolution of
better than 2 dB, and 22 dB has resolution of better than 1 dB.
The curves in Figure 37 show typical input levels that can be
applied to this amplifier at different gain settings. The maxi-
mum input was determined by finding the 1 dB compression or
expansion point of the VOUT/VSOURCE gain. Note that this is not
VOUT/VIN. In this way, the change in the input impedance of the
device is also taken into account.
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSOURCE [V peak] (V)
HIGH GAIN
0.1dB GAIN
–5dB GAIN
–8dB GAIN
12dB
GAIN
6dB
GAIN
<2dB
RES
<2dB
RES
<1dB
RES
<1dB
RES
<0.5dB
RESOLUTION
<0.5dB
RES
–11dB GAIN
17dB
GAIN
34dB
GAIN
–25dB GAIN
LOW GAIN
Figure 37. Gain Resolution and Nominal Input and
Output Range over the Gain Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com