Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8370 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 2 Page - Analog Devices

  AD8370 Datasheet HTML 1Page - Analog Devices AD8370 Datasheet HTML 2Page - Analog Devices AD8370 Datasheet HTML 3Page - Analog Devices AD8370 Datasheet HTML 4Page - Analog Devices AD8370 Datasheet HTML 5Page - Analog Devices AD8370 Datasheet HTML 6Page - Analog Devices AD8370 Datasheet HTML 7Page - Analog Devices AD8370 Datasheet HTML 8Page - Analog Devices AD8370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD8370
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Functional Descriptions.......................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 13
Block Architecture...................................................................... 13
Preamplifier................................................................................. 13
Transconductance Stage ............................................................ 13
Output Amplifier ........................................................................ 14
Digital Interface and Timing .................................................... 14
Applications..................................................................................... 15
Basic Connections ...................................................................... 15
Gain Codes .................................................................................. 15
Power-Up Feature....................................................................... 15
Choosing between Gain Ranges............................................... 15
Layout and Operating Considerations .................................... 16
Package Considerations............................................................. 17
Single-Ended-to-Differential Conversion............................... 17
DC-Coupled Operation............................................................. 18
ADC Interfacing ......................................................................... 19
3 V Operation ............................................................................. 20
Evaluation Board and Software .................................................... 21
Appendix ......................................................................................... 24
Characterization Equipment..................................................... 24
Composite Waveform Assumption .......................................... 24
Definitions of Selected Parameters .......................................... 24
Outline Dimensions ....................................................................... 28
Ordering Guide .......................................................................... 28
REVISION HISTORY
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com