Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320M Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB9B320M Datasheet HTML 1Page - Cypress Semiconductor MB9B320M Datasheet HTML 2Page - Cypress Semiconductor MB9B320M Datasheet HTML 3Page - Cypress Semiconductor MB9B320M Datasheet HTML 4Page - Cypress Semiconductor MB9B320M Datasheet HTML 5Page - Cypress Semiconductor MB9B320M Datasheet HTML 6Page - Cypress Semiconductor MB9B320M Datasheet HTML 7Page - Cypress Semiconductor MB9B320M Datasheet HTML 8Page - Cypress Semiconductor MB9B320M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 4 of 108
MB9B320M Series
Low-Voltage Detector (LVD)
This Series includes 2-stage monitoring of voltage on the VCC
pins. When the voltage falls below the voltage that has been
set, Low-Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-Power Consumption Mode
Six low-power consumption modes supported.
Sleep
Timer
RTC
Stop
Deep Standby RTC (selectable between keeping the value of
RAM and not)
Deep Standby Stop (selectable between keeping the value of
RAM and not)
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Unique ID
Unique value of the device (41 bits) is set.
Power Supply
Wide range voltage:
VCC
= 2.7 V to 5.5 V
USBVCC = 3.0 V to 3.6 V (when USB is used)
= 2.7 V to 5.5 V (when GPIO is used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com