Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B320M Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # MB9B320M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320M Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button MB9B320M Datasheet HTML 77Page - Cypress Semiconductor MB9B320M Datasheet HTML 78Page - Cypress Semiconductor MB9B320M Datasheet HTML 79Page - Cypress Semiconductor MB9B320M Datasheet HTML 80Page - Cypress Semiconductor MB9B320M Datasheet HTML 81Page - Cypress Semiconductor MB9B320M Datasheet HTML 82Page - Cypress Semiconductor MB9B320M Datasheet HTML 83Page - Cypress Semiconductor MB9B320M Datasheet HTML 84Page - Cypress Semiconductor MB9B320M Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
Document Number: 002-05652 Rev. *D
Page 81 of 108
MB9B320M Series
(Equation 1) tS
≥ ( R
AIN
+ REXT ) × CAIN × 9
tS:
Sampling time
RAIN:
I
nput resistor of A/D = 1.5 kΩ at 4.5 V < AVCC < 5.5 V ch.0 to ch.7
I
nput resistor of A/D = 1.6 kΩ at 4.5 V < AVCC < 5.5 V ch.8 to ch.15
I
nput resistor of A/D = 1.7 kΩ at 4.5 V < AVCC < 5.5 V ch.16 to ch.26
I
nput resistor of A/D = 2.2 kΩ at 2.7 V < AVCC < 4.5 V ch.0 to ch.7
I
nput resistor of A/D = 2.3 kΩ at 2.7 V < AVCC < 4.5 V ch.8 to ch.15
I
nput resistor of A/D = 2.4 kΩ at 2.7 V < AVCC < 4.5 V ch.16 to ch.26
CAIN:
Input capacity of A/D = 9.7 pF at 2.7 V < AVCC < 5.5 V
REXT:
Output impedance of external circuit
(Equation 2) tC = tCCK × 14
tC:
Compare time
tCCK:
Compare clock cycle
REXT
RAIN
CAIN
Analog signal
source
ANxx
Analog input pin
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com