Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKS100-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5246BKS100-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS100-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5246BKS100-R2 Datasheet HTML 10Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 11Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 12Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 13Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 14Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 15Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 16Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 17Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5246
TERMINAL VOLTAGE OPERATING RANGE
The AD5246 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer
operation. Supply signals present on terminals B and W that
exceed VDD or GND will be clamped by the internal forward
biased diodes (see
).
Figure 32
Figure 32. Maximum Terminal Voltages Set by VDD and GND
igure 32
B
VDD
W
GND
MAXIMUM OPERATING CURRENT
At low code values, the user should be aware that due to low
resistance values, the current through the RDAC may exceed
the 5 mA limit. In F
, a 5 V supply is placed on the wiper,
and the current through terminals W and B is plotted with
respect to code. A line is also drawn denoting the 5 mA current
limit. Note that at low code values (particularly for the 5 kΩ and
10 kΩ options), the current level increases significantly. Care
should be taken to limit the current flow between W and B in
this state to a maximum continuous current of 5 mA and a
maximum pulse current of no more than 20 mA. Otherwise,
degradation or possible destruction of the internal switch
contacts can occur.
igure 33
Figure 33. Maximum Operating Current
CODE (Decimal)
0
0.01
0.10
1.00
10.00
16
32
48
64
80
96
112
128
100.00
5mA CURRENT LIMIT
RAB = 5kΩ
RAB = 10kΩ
RAB = 100kΩ
RAB = 50kΩ
POWER-UP SEQUENCE
Since the ESD protection diodes limit the voltage compliance at
terminals B and W (see F
), it is important to power
VDD/GND before applying any voltage to terminals B and W;
otherwise, the diode will be forward biased such that VDD will be
powered unintentionally and may affect the rest of the user’s
circuit. The ideal power-up sequence is in the following order:
GND, VDD, digital inputs, and then VB/VW. The relative order of
powering VB and VW and the digital inputs is not important as
long as they are powered after VDD/GND.
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ a compact, minimum lead-length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is a good practice to bypass the power supplies with
quality capacitors for optimum stability. Supply leads to the
device should be bypassed with 0.01 µF to 0.1 µF disc or chip
ceramic capacitors. Low ESR 1 µF to 10 µF tantalum or
electrolytic capacitors should also be applied at the supplies to
minimize any transient disturbance and low frequency ripple
(see
). Note that the digital ground should also be
joined remotely to the analog ground at one point to minimize
the ground bounce.
Figure 34
Figure 34. Power Supply Bypassing
AD5246
VDD
C1
C3
GND
10
µF
0.1
µF
+
VDD
Rev. 0 | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com