Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKS100-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5246BKS100-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS100-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD5246BKS100-R2 Datasheet HTML 1Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 2Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 3Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 4Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 5Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 6Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 7Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 8Page - Analog Devices AD5246BKS100-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
128-Position I2C Compatible
Digital Resistor
AD5246
FEATURES
128-position
End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Ultracompact SC70-6 (2 mm × 2.1 mm) package
I2C® compatible interface
Full read/write of wiper register
Power-on preset to midscale
Single supply 2.7 V to 5.5 V
Low temperature coefficient 45 ppm/°C
Low power, IDD = 3 µA typical
Wide operating temperature –40°C to +125°C
Evaluation board available
APPLICATIONS
Mechanical potentiometer replacement in new designs
Rev. 0
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
GENERAL OVERVIEW
The AD5246 provides a compact 2 mm × 2.1 mm packaged
solution for 128-position adjustment applications. This device
performs the same electronic adjustment function as a variable
resistor. Available in four different end-to-end resistance values
(5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ), these low temperature coefficient
devices are ideal for high accuracy and stability variable
resistance adjustments.
The wiper settings are controllable through the I2C compatible
digital interface, which can also be used to read back the present
wiper register control word. The resistance between the wiper
and either end point of the fixed resistor varies linearly with
respect to the digital code transferred into the RDAC1 latch.
Operating from a 2.7 V to 5.5 V power supply and consuming
3 µA allows for usage in portable battery-operated applications.
FUNCTIONAL BLOCK DIAGRAM
I2C INTERFACE
WIPER
REGISTER
SDA
SCL
GND
VDD
A
W
B
Figure 1.
1 Note: The terms digital potentiometer, VR, and RDAC are used
interchangeably in this document.
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD5246BKS100-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5246BKSZ10-R2 AD-AD5246BKSZ10-R2 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ10-RL7 AD-AD5246BKSZ10-RL7 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ100-R2 AD-AD5246BKSZ100-R2 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
AD5246BKSZ5-RL7 AD-AD5246BKSZ5-RL7 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
More results

Similar Description - AD5246BKS100-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
I2C Compatible 256-Position Digital Potentiometers
8/02-Data Sheet changed from REV. A to REV. B.
AD5247 AD-AD5247 Datasheet
1Mb / 20P
128-Position I2C Compatible Digital Potentiometer
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
128-Position I2C-Compatible Digital Resistor
REV. C
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com