Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F584MH Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB91F584MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F584MH Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB91F584MH Datasheet HTML 35Page - Cypress Semiconductor MB91F584MH Datasheet HTML 36Page - Cypress Semiconductor MB91F584MH Datasheet HTML 37Page - Cypress Semiconductor MB91F584MH Datasheet HTML 38Page - Cypress Semiconductor MB91F584MH Datasheet HTML 39Page - Cypress Semiconductor MB91F584MH Datasheet HTML 40Page - Cypress Semiconductor MB91F584MH Datasheet HTML 41Page - Cypress Semiconductor MB91F584MH Datasheet HTML 42Page - Cypress Semiconductor MB91F584MH Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 38 of 175
MB91580M/S Series
 MB91F583AS/F584AS/F585AS
F ro m Ma s te r
T o S la ve
F ro m Ma s te r
T o S la ve
M D 0,M D 1,P040
SOT0_0, SOT1,
DAOUT
NMIX
MONCLK
RX0 ,
TX0
A IN0- 1 , BIN0- 1 ,
Z IN0- 1
XBS C rossbar S w itch
F R 81s C P U core
Ins truc tio n
Peripheral bus bridge
1 6
3 2
Wild register
D ebug In te rfa ce
M P U
B ac kUp
RA M
F la sh
R A M
D ata
INT0- 6
MM
DTTI0,RTO0-6
IN0-3
A DTG0- 2,
A N0- 14, 19, 20
FRCK0-5
SIN0_0, SIN1,
SCK0_0, SCK1,
SCS1
RSTX
RXDA-B,TXDA-B,
TXENA-B,STOPWT
TIOA0- 1 , TIOB0- 1
TIN0- 3, TOT0- 3
TRG0- 1, PPG0- 5
Main Flash/WorkFlash
Regulator
CR oscillator
Power-on reset
On-chip bus Layer 2
On-chip bus Layer 1
Bus
performance
counter
DMAC
Operating
mode register
Bus bridge
FlexRay (1unit)
CAN (1ch)
Bus diagnosis register
Flash control register
RAMECC/Diagnosis
(XBS-RAM)
RAMECC
/
Diagnosis
FlexRay clock control
PPG (6ch)
Clock Monitor
CAN prescaler
I/O port setting
Base timer (2ch)
Reload timer (4ch)
U/D counter (2ch)
WDT1 calibration
Asynchronous bus bridge
(PCLK1
PCLK2)
Asynchronous bus bridge
(PCLK1
PCLK2)
Motor control extension function
(PCLK2
MTRCLK)
Delay interrupt
Interrupt controller
Watchdog timer (SW and HW)
Interrupt request batch read
Generation/clear of DMA transfer request
Clock control register
(frequency dividing setting)
Reset control register
Low-power consumption setting register
CRC (2ch)
Waveform generator (2 units (7ch))
Output compare (7ch)
A/D converter
Free-run timer (6ch)
Input capture (4ch)
D/A converter
Multi-function serial interface (2ch)
Bus bridge
(32-bit
16-bit)
Input cut-off
inhibiting signal
CR oscillation (trimming)
NMI
Regulator control
Clock Supervisor
Power shutdown control
External interrupt input (7ch)
Clock control
(clock setting, main timer, PLL timer)
Low-voltage detection (internal
low-voltage detection)
Low-voltage detection (external
low-voltage detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com