Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F584MH Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB91F584MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F584MH Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB91F584MH Datasheet HTML 1Page - Cypress Semiconductor MB91F584MH Datasheet HTML 2Page - Cypress Semiconductor MB91F584MH Datasheet HTML 3Page - Cypress Semiconductor MB91F584MH Datasheet HTML 4Page - Cypress Semiconductor MB91F584MH Datasheet HTML 5Page - Cypress Semiconductor MB91F584MH Datasheet HTML 6Page - Cypress Semiconductor MB91F584MH Datasheet HTML 7Page - Cypress Semiconductor MB91F584MH Datasheet HTML 8Page - Cypress Semiconductor MB91F584MH Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
MB91580M/S Series, FR81S
32-bit Microcontroller Datasheet
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose, CA 95134-1709
•
408-943-2600
Document Number: 002-04665 Rev *A
Revised March 29, 2016
MB91F583AMG/AMH/AMJ/AMK/ASG/ASH/ASJ/ASK
MB91F584AMG/AMH/AMJ/AMK/ASG/ASH/ASJ/ASK
MB91F585AMG/AMH/AMJ/AMK/ASG/ASH/ASJ/ASK
This series is a Cypress 32-bit microcontroller for automobile motor control. They use the FR81S CPU that is
compatible with the FR family.
Features
FR81S CPU Core
 32-bit RISC, load/store architecture, pipeline 5-stage
structure
 Maximum operating frequency: 128MHz (Source
oscillation= 4.0MHz, 32 multiplied ( PLL clock
multiplication system) )
 General-purpose register: 32 bits
× 16 sets
 16-bit fixed length instructions (basic instructions), 1
instruction per cycle
 Instructions appropriate to embedded applications
Memory-to-memory transfer instructions
Bit manipulation instructions
Barrel shift instructions
 High-level language support instructions
Function entry/exit instructions
Register content multi-load and store instructions
 Bit search instructions
Logical 1 detection, 0 detection, and change-point
detection
 Branch instructions with delay slot
Overhead decrement during branch process
 Register interlock function
Easy assembler writing
 Built-in multiplier and instruction level support
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
 Interrupt (PC/PS saving)
6 cycles (16 priority levels)
 The Harvard architecture allows simultaneous
execution of program and data access.
 Instruction compatibility with the FR family
 Built-in memory protection function (MPU)
Eight protection areas can be specified
commonly for instructions and data.
Control access privilege in both privilege mode
and user mode
 Built-in FPU (floating-point operation)
IEEE754 compliant
Floating-point register: 32 bits
× 16 sets
Peripheral functions
 Clock generation (SSCG function is available)
Main oscillation (4 MHz to 20 MHz)
PLL multiplication rate:1 to 32 times
 CR oscillation
Oscillation frequency: 100kHz, with frequency
accuracy
± 50% (pre-trimming)
Trimming is enabled
To be used as a count clock of hardware
watchdog
Oscillation stop feature during standby is not
available
MB91F583AMJ/F584AMJ/F585AMJ/F583AMK/F
584AMK/F585AMK
MB91F583ASJ/F584ASJ/F585ASJ/F583ASK/F5
84ASK/F585ASK
Oscillation stop feature during standby is
available
MB91F583AMG/F584AMG/F585AMG/F583AMH
/F584AMH/F585AMH
MB91F583ASG/F584ASG/F585ASG/F583ASH/
F584ASH/F585ASH
 Built-in program flash memory capacity
MB91F583: 256+64 Kbytes
MB91F584: 384+64 Kbytes
MB91F585: 512+64 Kbytes
 Built-in data flash (WorkFlash) 64 Kbytes
 Built-in RAM capacity
Main RAM
MB91F583: 32 Kbytes
MB91F584: 48 Kbytes
MB91F585: 48 Kbytes
Backup RAM 8 Kbytes
 General-purpose port:
MB91F583AM/F584AM/F585AM
76 ports
Including
eight
I
2C pseudo open drain
corresponding ports
MB91F583AS/F584AS/F585AS
44ports
Including
two
I
2C pseudo open drain
corresponding ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com