Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F583AMK Datasheet(PDF) 157 Page - Cypress Semiconductor

Part # MB91F583AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMK Datasheet(HTML) 157 Page - Cypress Semiconductor

Back Button MB91F583AMK Datasheet HTML 153Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 154Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 155Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 156Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 157Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 158Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 159Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 160Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 161Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 156 of 175
MB91580M/S Series
I
2C timing (SMR:MD2-0="100"b)
(TA: Recommended operating conditions, VCC=5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Standard
mode
High-speed
mode
*3
Unit
Remarks
Min
Max
Min
Max
SCL clock frequency
fSCL
SCK0_0,
SCK0_1
*5,
SCK2
*5, SCK3*5
(SCL)
CL=50pF
R=(VP/IOL)
*1
0
100
0
400
kHz
"Repeat START
condition" hold time
SDA
↓ → SCL ↓
tHDSTA
SCK0_0,
SCK0_1
*5,
SCK2
*5, SCK3*5
(SCL)
SOT0_0,
SOT0_1
*5,
SOT2
*5, SOT3*5
(SDA)
4.0
-
0.6
-
µs
"L" width for SCL
clock
tLOW
SCK0_0,
SCK0_1
*5,
SCK2
*5, SCK3*5
(SCL)
4.7
-
1.3
-
µs
"H" width for SCL
clock
tHIGH
4.0
-
0.6
-
µs
"Repeat START
condition" setup time
SCL
↑ → SDA ↓
tSUSTA
SCK0_0,
SCK0_1
*5,
SCK2
*5, SCK3*5
(SCL)
SOT0_0,
SOT0_1
*5,
SOT2
*5, SOT3*5
(SDA)
4.7
-
0.6
-
µs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
0
3.45
*2
0
0.90
*3
µs
Data setup time
SDA
↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
"STOP condition"
setup time
SCL
↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
µs
Bus free time
between "STOP
condition" and
"START condition"
tBUF
-
4.7
-
1.3
-
µs
Noise filter
tSP
-
2tCPP
*4
-
2tCPP
*4
-
ns
*1: R and CL represent the pull-up resistance and load capacitance of the SCL and SDA output lines, respectively. VP
shows that the power supply voltage of the pull-up resistor and IOL shows the VOL guarantee current.
*2: The maximum tHDDAT only has to be met if the device does not extend the "L" width (tLOW) of the SCL signal.
*3: A high-speed mode I
2C bus device can be used on a standard mode I2C bus system as long as the device satisfies
the requirement of "tSUDAT
≥ 250 ns".
*4: tCPP is the peripheral clock cycle time. Adjust the clock of the peripheral bus to 8MHz or more when using I
2C.
*5: Only available with MB91F583AM/F584AM/F585AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com