Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F583AMK Datasheet(PDF) 160 Page - Cypress Semiconductor

Part # MB91F583AMK
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMK Datasheet(HTML) 160 Page - Cypress Semiconductor

Back Button MB91F583AMK Datasheet HTML 156Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 157Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 158Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 159Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 160Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 161Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 162Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 163Page - Cypress Semiconductor MB91F583AMK Datasheet HTML 164Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 159 of 175
MB91580M/S Series
11.4.8
Low-voltage Detection (External Low-voltage Detection)
(TA: Recommended operating conditions, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
voltage range
VDP5
VCC5
-
3.7
-
5.5
V
Detection voltage
VDL
VCC5
*1
-8%
3.9
+8%
V
When power supply
voltage falls and
detection level is set
initially
Hysteresis width
VHYS
VCC5
-
-
0.1
-
V
When power supply
voltage rises
Low-voltage
detection time
Td
-
-
-
-
30
μs
Power supply
voltage fluctuation
rate
-
VCC5
-
-2
-
2
V/ms
*2
*1: If the fluctuation of the power supply has exceeded the detection voltage range within the time less than the
low-voltage detection time (Td), there is the possibility to generate or release after the power supply voltage has
exceeded the detection voltage range.
*2: In order to perform the low-voltage detection at the detection voltage (VDL), be sure to suppress fluctuation of the
power supply within the limits of the power supply voltage fluctuation rate.
11.4.9
Low-voltage Detection (Internal Low-voltage Detection)
(TA: Recommended operating conditions, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
voltage range
VRDP5
-
-
1.1
-
1.3
V
Detection voltage
VRDL
-
*
0.8
0.9
1.0
V
When power supply
voltage falls
Hysteresis width
VRHYS
-
-
-
0.1
-
V
When power supply
voltage rises
Low-voltage
detection time
-
-
-
-
-
30
μs
*: If the fluctuation of the power supply is faster than the low-voltage detection time, there is a possibility to generate or
release after the power supply voltage has exceeded the detection voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com