Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP404C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP404C Datasheet HTML 1Page - National Semiconductor (TI) COP404C Datasheet HTML 2Page - National Semiconductor (TI) COP404C Datasheet HTML 3Page - National Semiconductor (TI) COP404C Datasheet HTML 4Page - National Semiconductor (TI) COP404C Datasheet HTML 5Page - National Semiconductor (TI) COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings
Supply Voltage
6V
Voltage at any pin
b
03V to VCC a 03V
Total Allowable Source Current
25 mA
Total Allowable Sink Current
25 mA
Operating temperature range
0 to a70 C
Storage temperature range
b
65 Cto a150 C
Lead temperature (soldering 10 sec)
300 C
DC Electrical Characteristics 0 CsTas70 C unless otherwise specified
Parameter
Conditions
Min
Max
Units
Operating Voltage
V
Power Supply Ripple
peak to peak
VCC
V
Notes
Supply Current
VCCe
V tce
m
s
m
A
Note
VCCe
V tce
m
s
m
A
VCCe
V tce ms
m
A
Tc is instruction cycle time
HALT Mode Current
VCCe
V FINe kHz TAe
C
m
A
Note
VCCe
V FINe kHz TAe
C
m
A
Input Voltage Levels
RESET D
clock input
CKI
Logic High
VCC
V
Logic Low
VCC
V
All other inputs Note
Logic High
VCC
V
Logic Low
VCC
V
Input Pullup
current
VCCe
V VINe
m
A
HiZ input leakage
b
a
m
A
Input capacitance
pF
Note
Output Voltage Levels
Standard outputs
LSTTL Operation
VCCe
V g
Logic High
IOHeb
m
A
V
Logic Low
IOLe
m
A
V
CMOS Operation
Logic High
IOHeb
m
AVCCb
V
Logic Low
IOLe
m
A
V
Output current levels
Sink Note
VCCe
V VOUTeVCC
mA
VCCe
V VOUTeVCC
mA
Source Standard option
VCCe
V VOUTe V
mA
VCCe
V VOUTe V
mA
Source Low current option
VCCe
V VOUTe V
m
A
VCCe
V VOUTe V
m
A
Allowable SinkSource current per pin
mA
Note
Allowable Loading on CKOH
pF
Current needed to override HALT
Note
To continue
VCCe
V VINe VCC
mA
To halt
VCCe
V VINe VCC
mA
TRISTATE leakage current
b
a
m
A
Note
Absolute maximum ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications are not ensured when
operating the device at absolute maximum ratings
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com