Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP404C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP404C
Description  COP404C ROMless CMOS Microcontrollers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP404C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP404C Datasheet HTML 4Page - National Semiconductor (TI) COP404C Datasheet HTML 5Page - National Semiconductor (TI) COP404C Datasheet HTML 6Page - National Semiconductor (TI) COP404C Datasheet HTML 7Page - National Semiconductor (TI) COP404C Datasheet HTML 8Page - National Semiconductor (TI) COP404C Datasheet HTML 9Page - National Semiconductor (TI) COP404C Datasheet HTML 10Page - National Semiconductor (TI) COP404C Datasheet HTML 11Page - National Semiconductor (TI) COP404C Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Functional Description (Continued)
chip will stop as soon as CKI is high and CKOH output will
stay high to keep the chip stopped if the external driver
returns to high impedance state
Once in the HALT mode the internal circuitry does not re-
ceive any clock signal and is therefore frozen in the exact
state it was in when halted All information is retained until
continuing
The chip may be awakened by one of two different meth-
ods
Continue function by forcing CKOH low the system
clock will be re-enabled and the circuit will continue to
operate from the point where it was stopped CKOH
will stay low
Restart by forcing the RESET pin low (see Initializa-
tion)
The HALT mode is the minimum power dissipation state
Note if the user has selected dual-clock (DUAL pin tied to
Ground) AND is forcing an external clock on D0 pin
AND the COP404C is running from the D0 clock the
HALT mode - either hardware or software - will NOT
be entered Thus the user should switch to the CKI
clock to HALT Alternatively the user may stop the D0
clock to minimize power
Oscillator Options
There are two basic clock oscillator configurations available
as shown by
Figure 9
CKI oscillator CKI is configured as a LSTTL compati-
ble input external clock signal The external frequency
is divided by 4 to give the instruction cycle time
Dual oscillator By tying DUAL pin to Ground pin D0 is
now a single pin RC controlled Schmitt trigger oscilla-
tor input The user may software select between the
D0 oscillator (the instruction cycle time equals the D0
oscillation frequency divided by 4) by setting the D0
latch high or the CKI oscillator by resetting D0 latch
low
Note that even in dual clock mode the counter if used
as a time-base counter is always connected to the CKI
oscillator
For example the user may connect up to a 1 MHz RC
circuit to D0 for faster processing and a 32 kHz exter-
nal clock to CKI for minimum current drain and time
keeping
Note CTMA instruction is not allowed when the chip is run-
ning from D0 clock
Figures 10a and 10b show the timer and clock diagrams
with and without Dual-Clock
TLDD5530 – 9
Cycle
R
C
Time
VCC
15k
82 pF
4b9 ms
t
45V
30k
82 pF
8b16 ms
t
45V
60k
100 pF
16b32 ms
24b45V
Note
15ksRs150k
50 pFsCs150 pF
FIGURE 9 Dual-Oscillator Component Values
TLDD5530 – 10
FIGURE 8 HALT Mode
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com