Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90598GPF Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB90598GPF
Description  CMOS 16-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90598GPF Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB90598GPF Datasheet HTML 35Page - Cypress Semiconductor MB90598GPF Datasheet HTML 36Page - Cypress Semiconductor MB90598GPF Datasheet HTML 37Page - Cypress Semiconductor MB90598GPF Datasheet HTML 38Page - Cypress Semiconductor MB90598GPF Datasheet HTML 39Page - Cypress Semiconductor MB90598GPF Datasheet HTML 40Page - Cypress Semiconductor MB90598GPF Datasheet HTML 41Page - Cypress Semiconductor MB90598GPF Datasheet HTML 42Page - Cypress Semiconductor MB90598GPF Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Document Number: 002-07700 Rev. *B
Page 39 of 52
MB90595G Series
11.4.3 Power On Reset
(VCC
5.0 V10%, VSS AVSS 0.0 V, TA  40 C to 85 C)
*: VCC must be kept lower than 0.2 V before power-on.
Notes:
■ The above values are used for creating a power-on reset.
■ Some registers in the device are initialized only upon a power-on reset. To initialize these registers, turn on
the power supply using the above values.
11.4.4 UART0/1, Serial I/O Timing
(VCC
5.0 V10%, VSS AVSS 0.0 V, TA  40 C to 85 C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
—
0.05
30
ms
*
Power off time
tOFF
VCC
50
—
ms
Due to repetitive operation
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK2
Internal clock operation
output pins are CL = 80
pF + 1 TTL.
8 tCP
—ns
SCK
  SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
–80
80
ns
Valid SIN
 SCK 
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
100
—
ns
SCK
  Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
—
ns
tR
2.7 V
0.2 V
VCC
0.2 V
0.2 V
tOFF
Sudden changes in the power supply voltage may cause a power-on reset.
To change the power supply voltage while the device is in operation, it is recommended to
raise the voltage smoothly to suppress fluctuations as shown below.
In this case, change the supply voltage with the PLL clock not used. If the voltage drop is 1
V or less per second, however, you can use the PLL clock.
VCC
VSS
3 V
RAM data being held
It is recommended to keep the
rising speed of the supply voltage
at 50 mV/ms or slower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com