Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90598GPF Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB90598GPF
Description  CMOS 16-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90598GPF Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB90598GPF Datasheet HTML 10Page - Cypress Semiconductor MB90598GPF Datasheet HTML 11Page - Cypress Semiconductor MB90598GPF Datasheet HTML 12Page - Cypress Semiconductor MB90598GPF Datasheet HTML 13Page - Cypress Semiconductor MB90598GPF Datasheet HTML 14Page - Cypress Semiconductor MB90598GPF Datasheet HTML 15Page - Cypress Semiconductor MB90598GPF Datasheet HTML 16Page - Cypress Semiconductor MB90598GPF Datasheet HTML 17Page - Cypress Semiconductor MB90598GPF Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Document Number: 002-07700 Rev. *B
Page 14 of 52
MB90595G Series
6. Block Diagram
RAM 4 K
ROM/Flash
UART0
Prescaler
Serial I/O
Prescaler
10-bit ADC
8 ch
16-bit Reload
Timer 2 ch
16-bit
Clock
Controller
16-bit Input
Capture
4 ch
16-bit Output
Compare
4 ch
CAN
Controller
External
Interrupt
8/16-bit
PPG
6 ch
F2MC-16LX
CPU
X0,X1
RST
HST
SOT0
SCK0
SIN0
SCK2
SOT2
SIN2
AVCC
AVSS
AN0 to AN7
AVRH
AVRL
ADTG
TIN0, TIN1
TOT0, TOT1
IN0 to IN3
OUT0 to OUT3
PPG0 to PPG5
RX
TX
INT0 to INT7
UART1
Prescaler
SOT1
SCK1
SIN1
(SCI)
128 K
SMC
4ch
PWM1M0 to PWM1M3
PWM1P0 to PWM1P3
PWM2M0 to PWM2M3
PWM2P0 to PWM2P3
DVCC
DVSS
8 ch
Free-run
Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com