Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96320 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB96320 Datasheet HTML 35Page - Cypress Semiconductor MB96320 Datasheet HTML 36Page - Cypress Semiconductor MB96320 Datasheet HTML 37Page - Cypress Semiconductor MB96320 Datasheet HTML 38Page - Cypress Semiconductor MB96320 Datasheet HTML 39Page - Cypress Semiconductor MB96320 Datasheet HTML 40Page - Cypress Semiconductor MB96320 Datasheet HTML 41Page - Cypress Semiconductor MB96320 Datasheet HTML 42Page - Cypress Semiconductor MB96320 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
MB96320 Series
Document Number: 002-04584 Rev. *A
Page 38 of 93
00058EH
PPG10 - Control status register Low
PCNL10
PCN10
R/W
00058FH
PPG10 - Control status register High
PCNH10
R/W
000590H
PPG11 - Timer register
PTMR11
R
000591H
PPG11 - Timer register
R
000592H
PPG11 - Period setting register
PCSR11
W
000593H
PPG11 - Period setting register
W
000594H
PPG11 - Duty cycle register
PDUT11
W
000595H
PPG11 - Duty cycle register
W
000596H
PPG11 - Control status register Low
PCNL11
PCN11
R/W
000597H
PPG11 - Control status register High
PCNH11
R/W
000598H
PPG15-PPG12 - General Control register 1 Low
GCN1L3
GCN13
R/W
000599H
PPG15-PPG12 - General Control register 1 High
GCN1H3
R/W
00059AH
PPG15-PPG12 - General Control register 2 Low
GCN2L3
GCN23
R/W
00059BH
PPG15-PPG12 - General Control register 2 High
GCN2H3
R/W
00059CH
PPG12 - Timer register
PTMR12
R
00059DH
PPG12 - Timer register
R
00059EH
PPG12 - Period setting register
PCSR12
W
00059FH
PPG12 - Period setting register
W
0005A0H
PPG12 - Duty cycle register
PDUT12
W
0005A1H
PPG12 - Duty cycle register
W
0005A2H
PPG12 - Control status register Low
PCNL12
PCN12
R/W
0005A3H
PPG12 - Control status register High
PCNH12
R/W
0005A4H
PPG13 - Timer register
PTMR13
R
0005A5H
PPG13 - Timer register
R
0005A6H
PPG13 - Period setting register
PCSR13
W
0005A7H
PPG13 - Period setting register
W
0005A8H
PPG13 - Duty cycle register
PDUT13
W
0005A9H
PPG13 - Duty cycle register
W
0005AAH
PPG13 - Control status register Low
PCNL13
PCN13
R/W
0005ABH
PPG13 - Control status register High
PCNH13
R/W
0005ACH
PPG14 - Timer register
PTMR14
R
0005ADH
PPG14 - Timer register
R
Table 4: I/O Map MB96(F)32x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com