Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96320 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB96320 Datasheet HTML 86Page - Cypress Semiconductor MB96320 Datasheet HTML 87Page - Cypress Semiconductor MB96320 Datasheet HTML 88Page - Cypress Semiconductor MB96320 Datasheet HTML 89Page - Cypress Semiconductor MB96320 Datasheet HTML 90Page - Cypress Semiconductor MB96320 Datasheet HTML 91Page - Cypress Semiconductor MB96320 Datasheet HTML 92Page - Cypress Semiconductor MB96320 Datasheet HTML 93Page - Cypress Semiconductor MB96320 Datasheet HTML 94Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
MB96320 Series
Document Number: 002-04584 Rev. *A
Page 91 of 93
6
2009-01-09
■ Format adjusted to official Cypress datasheet standard (mainly style changes and official
notes and disclaimer added)
■ Numbering of Electrical Characteristics subchapters automated
■ Devices added (MB96F326A)
■ I/O map: Added node about reserved registers
■ Serial programming interface: Note about handshaking pins improved
■ specified AD converter channel offset to 4LSB
■ package code of MB96V300 corrected in ordering information
■ Added voltage condition to pull-up resistance spec
■ Ordering information: column “Flash/ROM” added, column “Remarks” removed
■ Official package dimension drawing with additional notes added
■ Empty pages removed
■ Handling devices: Notes added about Serial communication and about using ceramic
resonators.
■ Feature list and AC Characteristics: 16MHz maximum frequency is valid for crystal oscillators.
For resonators, maximum frequency depends on Q-factor
■ AC characteristics: PLL phase skew spec added, CLKVCO min=64MHz
■ VOL3 spec improved: spec valid for 3mA load for full Vcc range
■ C-Pin cap spec updated: 4.7F-10F capacitor with tolerance permitted
■ “Preliminary” watermark removed
Revision
Date
Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com