Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96670 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB96670
Description  F2MC-16FX 16-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96670 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB96670 Datasheet HTML 9Page - Cypress Semiconductor MB96670 Datasheet HTML 10Page - Cypress Semiconductor MB96670 Datasheet HTML 11Page - Cypress Semiconductor MB96670 Datasheet HTML 12Page - Cypress Semiconductor MB96670 Datasheet HTML 13Page - Cypress Semiconductor MB96670 Datasheet HTML 14Page - Cypress Semiconductor MB96670 Datasheet HTML 15Page - Cypress Semiconductor MB96670 Datasheet HTML 16Page - Cypress Semiconductor MB96670 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Document Number: 002-04703 Rev.*A
Page 13 of 68
MB96670 Series
6. I/O Circuit Type
Type
Circuit
Remarks
A
High-speed oscillation circuit:
• Programmable between
oscillation mode (external
crystal or resonator connected
to X0/X1 pins) and Fast
external Clock Input (FCI)
mode (external clock
connected to X0 pin)
• Feedback resistor = approx.
1.0M
Ω
• The amplitude: 1.8V±0.15V
to operate by the internal
supply voltage
R
FCI
X out
0
1
X1
X0
FCI or Osc disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com