Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96670 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB96670
Description  F2MC-16FX 16-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96670 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB96670 Datasheet HTML 17Page - Cypress Semiconductor MB96670 Datasheet HTML 18Page - Cypress Semiconductor MB96670 Datasheet HTML 19Page - Cypress Semiconductor MB96670 Datasheet HTML 20Page - Cypress Semiconductor MB96670 Datasheet HTML 21Page - Cypress Semiconductor MB96670 Datasheet HTML 22Page - Cypress Semiconductor MB96670 Datasheet HTML 23Page - Cypress Semiconductor MB96670 Datasheet HTML 24Page - Cypress Semiconductor MB96670 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Document Number: 002-04703 Rev.*A
Page 21 of 68
MB96670 Series
9. User ROM Memory Map For Flash Devices
*: Physical address area of SAS-512B is from DF:0000H to DF:01FFH.
Others (from DF:0200H to DF:1FFFH) is mirror area of SAS-512B.
Sector SAS contains the ROM configuration block RCBA at CPU address DF:0000H -DF:01FFH.
SAS can not be used for E
2PROM emulation.
MB96F673
CPU mode
address
Flash memory
mode address
FF:FF FF H
FF:0000 H
3F:FF FF H
3F:0000 H
SA39 - 64KB
SA39 - 64KB
FE:FF FF H
FE:0000 H
3E:FF FF H
3E:0000 H
SA38 - 64KB
FD:FF FF H
DF:A000 H
DF:9FFF H
DF:8000 H
1F:9FFF H
1F:8000 H
SA4 - 8KB
DF:7FFF H
DF:6000 H
1F:7FFF H
1F:6000 H
SA3 - 8KB
DF:5FFF H
DF:4000 H
1F:5FFF H
1F:4000 H
SA2 - 8KB
DF:3FFF H
DF:2000 H
1F:3FFF H
1F:2000 H
SA1 - 8KB
SA4 - 8KB
SA3 - 8KB
SA2 - 8KB
SA1 - 8KB
DF:1FFF H
DF:0000 H
1F:1FFF H
1F:0000 H
SAS - 512B*
SAS - 512B*
Bank A of Flash A
DE:FF FF H
DE:0000 H
Reserved
Reserved
Reserved
Reserved
Bank B of Flash A
Flash size
64.5KB + 32KB
Flash size
128.5KB + 32KB
Bank A of Flash A
MB96F675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com