Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DLBPMC Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB91F525DLBPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DLBPMC Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB91F525DLBPMC Datasheet HTML 28Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 32 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
58
72
88
104
123
151
RSTX
N
M
External reset input
-
-
-
-
124
152
P131
-
A
General-purpose I/O port
ADTG0_0
-
A/D converter external trigger input 0 (0)
-
-
-
105
125
153
P132
-
A
General-purpose I/O port
SCS1_0
-
Serial chip select 1 I/O (0)
ADTG1_0
-
A/D converter external trigger input 1 (0)
-
-
89
106
126
154
P133
-
A
General-purpose I/O port
TX2(64)
-
CAN transmission data 2 output
-
-
90
107
127
155
P134
-
F
General-purpose I/O port
RX2(64)
-
CAN reception data 2 input
SCS1_1
-
Serial chip select 1 I/O (1)
ICU7_0
-
Input capture ch.7 input (0)
INT7_0
-
INT7 External interrupt input (0)
-
-
91
108
128
156
P144
-
F
General-purpose I/O port
SCK1_1
-
Multi-function serial ch.1 clock I/O (1)
-
-
94 *1
111
*1
131
159
P000
-
F
General-purpose I/O port
D16 *4, *5
-
External bus data bit16 I/O (0)
SIN1_0
-
Multi-function serial ch.1 serial data input (0)
TIOA0_1 *4
-
TIOA output of Base timer ch.0 (1)
INT2_0
-
INT2 External interrupt input (0)
-
75
*1
95 *1
112
*1
132
160
P001
-
A
General-purpose I/O port
D17 *3, *4, *5
-
External bus data bit17 I/O
SOT1_0 *3
-
Multi-function serial ch.1 serial data output
(0)
TIOA1_1
-
TIOA I/O of Base timer ch.1 (1)
-
-
-
113
*1
133
161
P002
-
F
General-purpose I/O port
D18 *5
-
External bus data bit18 I/O
SCK1_0
-
Multi-function serial ch.1 clock I/O (0)
TIOB0_1
-
TIOB input of Base timer ch.0 (1)
-
76
*1
96 *1
114
*1
134
162
P003
-
F
General-purpose I/O port
D19 *3, *4, *5
-
External bus data bit19 I/O
SIN2_0
-
Multi-function serial ch.2 serial data input (0)
TIOB1_1
-
TIOB input of Base timer ch.1 (1)
INT3_0
-
INT3 External interrupt input (0)
-
-
-
-
135
163
P004
-
A
General-purpose I/O port
D20
-
External bus data bit20 I/O (0)
SOT2_0
-
Multi-function serial ch.2 serial data output
(0)
-
-
-
-
-
164
P164
-
A
General-purpose I/O port
PPG32_1
-
PPG ch.32 output (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com