Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525DLBPMC Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # MB91F525DLBPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DLBPMC Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button MB91F525DLBPMC Datasheet HTML 14Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 15Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 16Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 17Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 18Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 19Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 20Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 21Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 18 of 280
MB91520 Series
3.
Pin Description
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
-
-
-
-
2
2
P015
-
A
General-purpose I/O port
D29
-
External bus data bit29 I/O (0)
TRG0_0
-
PPG trigger 0 input (0)
-
-
-
-
3
3
P016
-
A
General-purpose I/O port
D30
-
External bus data bit30 I/O (0)
TRG1_0
-
PPG trigger 1 input (0)
-
-
-
-
-
4
P170
-
A
General-purpose I/O port
PPG36_1
-
PPG ch.36 output (1)
-
-
-
-
4
5
P017
-
A
General-purpose I/O port
D31
-
External bus data bit31 I/O (0)
TRG2_0
-
PPG trigger 2 input (0)
-
-
-
-
-
6
P171
-
A
General-purpose I/O port
PPG37_1
-
PPG ch.37 output (1)
2 *1
2 *1
2 *1
2 *1
5
7
P020
-
F
General-purpose I/O port
ASX *2, *3, *4, *5
-
External bus/Address strobe output
SIN3_1
-
Multi-function serial ch.3 serial data input (1)
TRG3_0
-
PPG trigger 3 input (0)
TIN0_2
-
Reload timer ch.0 event input (2)
RTO5_1
-
Waveform generator ch.5 output pin (1)
-
-
-
3 *1
6
8
P021
-
A
General-purpose I/O port
CS0X *5
-
External bus chip select 0 output
SOT3_1
-
Multi-function serial ch.3 serial data output
(1)
TRG6_1
-
PPG trigger 6 input (1)
TRG4_0
-
PPG trigger 4 input (0)
-
-
-
4 *1
7
9
P022
-
F
General-purpose I/O port
CS1X *5
-
External bus chip select 1 output
SCK3_1
-
Multi-function serial ch.3 clock I/O (1)
TRG7_1
-
PPG trigger 7 input (1)
TRG5_0
-
PPG trigger 5 input (0)
-
-
-
5 *1
8
10
P023
-
A
General-purpose I/O port
RDX *5
-
External bus/Read strobe output
SCS3_1
-
Serial chip select 3 output (1)
PPG32_0
-
PPG ch.32 output (0)
TIN0_0
-
Reload timer ch.0 event input (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com