Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84FS Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 84FS
Description  Agilent TwisTorr 84 FS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

84FS Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  84FS Datasheet HTML 1Page - Agilent(Hewlett-Packard) 84FS Datasheet HTML 2Page - Agilent(Hewlett-Packard) 84FS Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
The new generation Turbo Pump
with Agilent Floating Suspension
The Agilent TwisTorr 84 FS turbomolecular high-vacuum pump combines TwisTorr
drag stage technology and Agilent Floating Suspension to provide high performance,
reliability, and economy.
TwisTorr drag stages create high compression ratios for light gases such as
hydrogen and helium to deliver high throughput and high tolerance of foreline
pressure, thereby permitting the use of smaller and more economical backing
pumps. This technology results in a compact rotor design that is energy-efficient
and maintains a low operating temperature.
The Agilent Floating Suspension system reduces noise and vibration, and ensures
optimal bearing operating conditions to extend operating life, minimize system
downtime, and assure stability over time.
The unique bearing and dry lubrication in the TwisTorr 704 FS eliminate oil and
maintenance, and permit operation of the pump in any orientation. Available with
onboard or rack controllers.
Agilent TwisTorr 84 FS


Similar Part No. - 84FS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
84F SCHNEIDER-84F Datasheet
173Kb / 1P
Vortex flowmeters, Flow, HART
Apr 26, 2022
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
More results

Similar Description - 84FS

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
Agilent MULTI Meter
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
Agilent E1421B
E9300 KEYSIGHT-E9300 Datasheet
1Mb / 6P
Agilent E9300 Power Sensors
logo
Agilent(Hewlett-Packard...
34401A HP-34401A Datasheet
167Kb / 4P
Agilent 34401A Multimeter
304FS HP-304FS Datasheet
1Mb / 4P
Agilent TwisTorr 304 FS
704FS HP-704FS Datasheet
1Mb / 4P
Agilent TwisTorr 704 FS
804FS HP-804FS Datasheet
1Mb / 4P
Agilent TwisTorr 804 FS
X3501-64016 HP-X3501-64016 Datasheet
288Kb / 2P
TwisTorr Medium-TMP Rack Controller
X3502-64300 HP-X3502-64300 Datasheet
619Kb / 3P
Agilent Quality Assured
X3512-64016 HP-X3512-64016 Datasheet
272Kb / 2P
TwisTorr Medium-TMP Onboard Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com