Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84FS Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 84FS
Description  Agilent TwisTorr 84 FS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

84FS Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  84FS Datasheet HTML 1Page - Agilent(Hewlett-Packard) 84FS Datasheet HTML 2Page - Agilent(Hewlett-Packard) 84FS Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
3
Ordering Information
Pumps
Configuration Options
TwisTorr 84 FS ISO 63
X3502-64000
TwisTorr 84 FS KF 40
X3502-64001
TwisTorr 84 FS CFF 4.5”
X3502-64002
TwisTorr 84 FS CFF 2.75”
X3502-64003
Controllers
Part Numbers
TwisTorr 84 FS AG Rack controller RS232/485
X3508-64001
TwisTorr 84 FS AG Rack controller Profibus
X3508-64002
TwisTorr 84 FS onboard controller 110/220V
X3509-64000
TwisTorr 84 FS onboard controller 24V
X3509-64001
TwisTorr 84 FS PCB Controller
X3510-64000
Cables
Part Numbers
Mains cable NEMA plug 3 m long
9699958
Mains cable EU plug 3 m long
9699957
Serial cable and T-plus software
9699883
PCB cable
9699869
Pump extension cable (3 m)
9699942
Extension cable
969-9942M007 (
5 m)
969-9942M006 (
10 m)
969-9942M005 (
15 m)
969-9942M004 (
20 m)
Inlet Screen
Part Numbers
Inlet screen ISO 63
X3502-68001
Inlet screen CFF 4.5”
X3502-68000
Inlet screen, KF 40
969-9309
Inlet screen CFF 2.75”
969-9328
Cooling
Part Numbers
Metal water cooling kit
X3502-68002
Plastic water cooling kit
X3502-68003
Metal water cooling kit
X3502-68002
Plastic water cooling kit
X3502-68003
Air cooling kit (0,5 m cable)
9699290
Air cooling kit extension cable (5 m)
9699940
Vibration isolator
Part Numbers
Vibration isolator ISO
63 969-9375
Vibration isolator CFF 4.5”
969-9376
Venting
Part Numbers
Vent Valve N.O. 0.5 mm orifice (0.5 m cable)
9699844
Vent Valve extension cable
9699941 (5 m)
969-9941M003 (10 m)
969-9941M001 (15 m)
969-9941M005 (20 m)
Vent Screw M5
X3502-68005
Vent Adapter kit M5-M8
X1699-64039
Purge
Part Numbers
Purge Screw
X3502-68004
Purge valve 10 SCCM NW16KF - M12
9699834
Purge valve 10 SCCM ¼ Swagelok - M12
9699108
Purge valve 20 SCCM NW16KF - M12
969-9241
Purge valve 20 SCCM ¼ Swagelok - M12
969-9242
Purge valve 10 SCCM ¼ Swagelok - ¼ Swagelok
969-9232
Purge valve 20 SCCM ¼ Swagelok - ¼ Swagelok
969-9236
Mounting
Part Numbers
Controller side mounting bracket
X3502-68006
CFF4.5 Mounting kit
X3502-68007
Metric screws kit
X3502-68008
American screws kit
X3502-68009
Active Gauges
Part Numbers
FRG 700 Full Range Gauge
PVG 500 Pirani Vacuum Gauge
PCG 750 Pirani Capacitance Gauge
CDG-500 Capacitance Diaphragm Gauge
Ask Agilent for details
Pumping Speed
Compression Ratio
Technical Specification
Pumping speed
KF40
CFF 2.75”
ISO 63
CFF 4.5”
N
2
He
H
2
Ar
49 L/s
38 L/s
36 L/s
44
56 L/s
46 L/s
40 L/s
57 L/s
67 L/s
63 L/s
53 L/s
66 L/s
67
63
53
66
Gas throughput at full
rotational speed
(with recomm. forepump)
Air cooling (35 °C)
Water cooling
(25 °C, 65 L/h)
N
2
Ar
100 sccm
70 sccm
100 sccm
70 sccm
Compression ratio and foreline tolerance
N
2
He
H
2
Ar
≥ 1.0 x 1011
2.0 x 106
5.0 x 104
> 1.0 x 1011
>14 mbar
>12 mbar
>4 mbar
>14 mbar
Base pressure with recom-
mended forepump (5 m3/h)
< 5 x 10-10 mbar (< 3.75 x 10-10 Torr)
Inlet flange
CFF 4.5” od
CFF 2.75” od
ISO 63
KF 40
Foreline flange
KF16 NW
Rotational speed
81000 rpm (1350 Hz driving frequency)
Start-up time
< 2 minutes
Technical Specification
Recommended forepump
mechanical: Agilent DS 40M / DS 102
dry pump: Agilent IDP-3/IDP-7
Operating position
Any
Oper. ambient temperature
+5 °C to +35 °C
Rel. humidity of air
0 - 90 % (not condensing)
Bakeout temperature
80 °C for ISO (120 °C for CFF) at inlet flange
Lubricant
Permanent lubrication
Cooling requirements
Forced air (5- 35 °C ambient temperature)
Air cooling
Air flow temperature +5° C to +35 °C
Water cooling
Cooling water temperature: +15 °C to +25 °C
Minimum flow: 65 L/h (0.30 GPM)
Pressure: 2 to 4 bar (45 to 75 psi)
Noise Pressure level
(at 1 mt at full speed)
40 dB(A) *
Storage temperature
-40 °C to +70 °C
Max altitude
3000 m
Weight kg (lbs)
Pump ISO 63 kg 2.05
Pump CFF 4.5” kg 3.50
Pump CFF 2.75” kg 3.34
Pump KF 40” kg 2.37
Conformity to norms
CE, C-CSA-US, RoHS
compliant as per 2011/65/UE
Outline Drawing
Technical Specification
FORELINE
FLANGE KF16
ELECTRICAL
CONNECTOR
VENT
SCREW
ISO 63K
CFF 4"1/2
FORELINE
FLANGE KF16
VENT
SCREW
ELECTRICAL
CONNECTOR
97 [3.82]
59.25 [2.3
3]
62.4 [2.4
6]
59.25 [2.3
3]
62.4 [2.4
6]
97 [3.82]
Ø
Ø
*average value ± 4 dB(A) std deviation
Inlet Pressure (mbar)
0
10
20
30
40
50
60
70
80
1,E-09
1,E-08
1,E-07
1,E-06
1,E-05
1,E-04
1,E-03
1,E-02
1,E-01
1,E+00
Hydrogen
Helium
Nitrogen
Argon
Foreline Pressure (mbar)
1,E+00
1,E+01
1,E+02
1,E+03
1,E+04
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1,E+10
1,E+11
1,E+12
1,E-3
1,E-2
1,E-1
1,E+0
1,E+1
1,E+2
Hydrogen
Helium
Nitrogen
Argon
3D Drawings available for download



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com