Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525BHBPMC1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB91F525BHBPMC1
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525BHBPMC1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB91F525BHBPMC1 Datasheet HTML 1Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 2Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 3Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 4Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 5Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 6Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 7Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 8Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
MB91520 Series
32-bit FR81S Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose, CA 95134-1709
•
408-943-2600
Document Number: 002-04662 Rev. *F
Revised December 5, 2017
The MB91520 series is a Cypress 32-bit microcontroller designed for automotive devices. This series contains the FR81S CPU
which is compatible with the FR family.
Note:This series is a composition of the end of the above-mentioned each name of articles of presence, According to Presence of
sub-clock, CSV initial value and LVD initial value. Please see "Ordering Information" for details.
Features
FR81S CPU Core
 32-bit RISC, load/store architecture, pipeline 5-stage
structure
 Maximum operating frequency: 80 MHz (Source oscillation
= 4.0 MHz and 20 multiplied (PLL clock multiplication
system))
 General-purpose register : 32 bits × 16 sets
 16-bit fixed length instructions (basic instruction),
1 instruction per cycle
 Instructions appropriate to embedded applications
Memory-to-memory transfer instruction
Bit processing instruction
Barrel shift order etc.
 High-level language support instructions
 Function entry/exit instructions
 Register content multi-load and store instructions
 Bit search instructions
Logical 1 detection, 0 detection, and change-point detection
 Branch instructions with delay slot
 Overhead reduction during branch process
 Register interlock function
 Easy assembler writing
 The support at the built-in / instruction level of the multiplier
 Signed 32-bit multiplication: 5 cycles
 Signed 16-bit multiplication: 3 cycles
 Interrupt (PC/PS saving)
6 cycles (16 priority levels)
 The Harvard architecture allows simultaneous execution of
program and data access.
 Instruction compatibility with the FR Family
 Built-in memory protection function (MPU)
Eight protection areas can be specified commonly for
instructions and the data.
Control access privilege in both privilege mode and
user mode.
 Built-in FPU (floating point arithmetic)
IEEE754 compliant
Floating-point register 32-bit × 16 sets
Peripheral Functions
 Clock generation (equipped with SSCG function)
Main oscillation (4 MHz to 16 MHz)
Sub oscillation (32 kHz) or none sub oscillation
PLL multiplication rate : 1 to 20 times
Equipped with a 100 kHz CR oscillator
 Built-in program flash memory capacity
MB91F522: 256 +64 KB
MB91F523: 384 + 64 KB
MB91F524: 512 + 64 KB
MB91F525: 768 + 64 KB
MB91F526: 1024 + 64 KB
 Flash memory for built-in data (WorkFlash) 64 KB
 Built-in RAM capacity
Main RAM
MB91F522: 48 KB
MB91F523: 48 KB
MB91F524: 64 KB
MB91F525: 96 KB
MB91F526: 128 KB
Backup RAM 8 KB
 General-purpose ports:
MB91F52xB 44 sets (No sub oscillation), 42 sets (sub
oscillation)
MB91F52xD 56 sets (No sub oscillation), 54 sets (sub
oscillation)
MB91F52xF 76 sets (No sub oscillation), 74 sets (sub
oscillation)
MB91F52xJ 96 sets (No sub oscillation), 94 sets (sub
oscillation)
MB91F52xK 120 sets (No sub oscillation), 118 sets (sub
oscillation)
MB91F52xL 152 sets (No sub oscillation), 150 sets (sub
oscillation)
Included I2C open drain corresponding ports:16 sets
 External bus interface
22-bit address, 16-bit data
 DMA Controller
Up to 16 channels can be started simultaneously.
2 transfer factors (Internal peripheral request and
software)
 A/D converter (successive approximation type)
12-bit resolution : Max. 48 ch (32 ch + 16 ch)
Conversion time : 1.4
μs


Similar Part No. - MB91F525BHBPMC1

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB91F527M SPANSION-MB91F527M Datasheet
3Mb / 241P
This document states the current technical specifications regarding
MB91F527R SPANSION-MB91F527R Datasheet
3Mb / 241P
This document states the current technical specifications regarding
MB91F527U SPANSION-MB91F527U Datasheet
3Mb / 241P
This document states the current technical specifications regarding
MB91F527Y SPANSION-MB91F527Y Datasheet
3Mb / 241P
This document states the current technical specifications regarding
MB91F528 SPANSION-MB91F528 Datasheet
3Mb / 241P
This document states the current technical specifications regarding
More results

Similar Description - MB91F525BHBPMC1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
32-BIT MICROCONTROLLER
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
32-BIT MICROCONTROLLER
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
32-bit Microcontroller
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
32-bit Microcontroller
MB91590 CYPRESS-MB91590 Datasheet
1Mb / 175P
FR Family FR81S 32-Bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
32-BIT MICROCONTROLLER
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
32-bit Microcontroller
NUC122-64P NUVOTON-NUC122-64P Datasheet
1Mb / 17P
32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com