Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F525BHBPMC1 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB91F525BHBPMC1
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525BHBPMC1 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB91F525BHBPMC1 Datasheet HTML 15Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 16Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 17Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 18Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 19Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 20Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 21Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 22Page - Cypress Semiconductor MB91F525BHBPMC1 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 19 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
3 *1
3 *1
3 *1
6 *1
9
11
P024
-
F
General-purpose I/O port
WR0X *2, *3, *4, *5
-
External bus/Write strobe 0 output
SIN4_1
-
Multi-function serial ch.4 serial data input (1)
PPG24_0
-
PPG ch.24 output (0)
TIN1_0
-
Reload timer ch.1 event input (0)
RTO4_1
-
Waveform generator ch.4 output pin (1)
INT15_0
-
INT15 External interrupt input (0)
-
-
4 *1
7 *1
10
12
P025
-
A
General-purpose I/O port
WR1X *4, *5
-
External bus/Write strobe 1 output
SOT4_1
-
Multi-function serial ch.4 serial data output
(1)
PPG25_0
-
PPG ch.25 output (0)
TIN2_0
-
Reload timer ch.2 event input (0)
-
-
-
-
-
13
P172
-
A
General-purpose I/O port
PPG38_1
-
PPG ch.38 output (1)
-
4 *1
5 *1
8 *1
11
14
P026
-
F
General-purpose I/O port
A00 *3, *4, *5
-
External bus/Address bit0 output (0)
SCK4_1
-
Multi-function serial ch.4 clock I/O (1)
PPG26_0
-
PPG ch.26 output (0)
TIN3_0
-
Reload timer ch.3 event input (0)
4 *1
5 *1
6 *1
9 *1
12
15
P027
-
A
General-purpose I/O port
A01 *2, *3, *4, *5
-
External bus/Address bit1 output (0)
SCS40_1
-
Serial chip select 40 I/O (1)
PPG27_0
-
PPG ch.27 output (0)
TOT0_0
-
Reload timer ch.0 output (0)
RTO3_1
-
Waveform generator ch.3 output pin (1)
-
-
-
-
-
16
P173
-
A
General-purpose I/O port
PPG39_1
-
PPG ch.39 output (1)
-
-
7 *1
10 *1
13
17
P030
-
A
General-purpose I/O port
A02 *4, *5
-
External bus/Address bit2 output (0)
SCS41_1
-
Serial chip select 41 output (1)
PPG28_0
-
PPG ch.28 output (0)
TOT1_0
-
Reload timer ch.1 output (0)
-
6 *1
8 *1
11 *1
14
18
P031
-
A
General-purpose I/O port
A03 *3, *4, *5
-
External bus/Address bit3 output (0)
SCS42_1
-
Serial chip select 42 output (1)
PPG29_0
-
PPG ch.29 output (0)
TOT2_0 *3
-
Reload timer ch.2 output (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com