Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

968EMLSAP1 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 968EMLSAP1
Description  Development Kit for Low Power Wi-Fi M2.COM Module WISE-1520
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968EMLSAP1 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  968EMLSAP1 Datasheet HTML 1Page - Advantech Co., Ltd. 968EMLSAP1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WISE-DK1520 Starter Kit
Ordering Information
Part No.
Description
WISE-DK1520-TB00E
WISE-1520 M2.COM quick starter kit with TI-RTOS
-20 ~ 70° C
Packing List
Part Number
Part Description
9696150000E
ASS'Y WISE-DB1500 A101-1 M2.COM CARRIER
9696152000E
ASS'Y WISE-1520 A101-1 CC3200MOD M2.COM
MODUAL
9696WED200E
ASS'Y WISE-ED20 A101-1 M2.COM Daughter Board
XRISC-ADP-10HW-AG
ADP A/D 100-240V 10W 5V WM
1653300100
MINI JUMPER 2P 2.54mm 180D(F) 1132-040-02
1700015038
FPC Cable 10P-0.5mm 7.9cm for DCU2.0
1700023619-01
A cable USB-A 4P(M)/micro USB 5P(M) 1m
ADAM-T212
1700025875-01
A cable 1P-2.54*20/1P-2.54*20 20cm
1700025876-01
M cable USB-A 4P(M)/Plug-in 2P-5.0 90CM
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
1750008314-01
Antenna 2.4GHz 2dBi SMA Male Reverse L=100mm
1931000590
Screw M2.5x5L F/S D=5.3 H=0.8 (1+) ST Ni
193A231540
POST F=M3*6L M=M3*6L D=5 d=2.88 B=5 H=15 Cu
968EMLSAP1
SUSIAccess Pro V2.0 Package download card/flyer/
Block Diagram
Specifications Cont.
Environment
Operational Temperature
-20 ~ 70° C
Operating Humidity
5% ~ 95% Relative Humidity, non-condensing
Mechanical
Dimensions (W x D)
100 x 72 mm
Operating System
TI RTOS/mbed OS
Certification
CE/FCC Class B
UART (4-wires)
UART
SPI
ADC x 2
PWM x 2
I2C
SPI
GPIO x 2
PWM x 2
ADC x 2
TI CC3200MOD
Watch Dog
MHF4 Conn.
WDT_OUT
RF
FFC connector
RS-232/422/485
transceiver
I2C0
I2C x 4
I2C switch
HDC1050 Sensor
DB9
UART & JTAG
GPIO x 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com