Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

968EMLSAP1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 968EMLSAP1
Description  Development Kit for Low Power Wi-Fi M2.COM Module WISE-1520
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968EMLSAP1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  968EMLSAP1 Datasheet HTML 1Page - Advantech Co., Ltd. 968EMLSAP1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
WISE-DK1520
Starter Kit
Development Kit for Low Power Wi-Fi
M2.COM Module WISE-1520
ƒ Development kit for WISE-1520
ƒ ARM Cortex-M4 processor
ƒ RAM 256 KB memory / 1MB Serial Flash
ƒ Built-in Low-power Wi-Fi connectivity
ƒ Support 1 UART, 1 I2C , 1 SPI, 2 GPIO, 2 PWM, 2 ADC
ƒ 22 x 30 mm M.2 key E
ƒ Build-in temperature and humidity sensor
ƒ Cable & antenna included
ƒ WISE-Agent built-in
ƒ WISE-PaaS/RMM cloud solution ready
ƒ SDK for development
Specifications
Processor System
CPU/MCU
TI ARM Cotec-M4 Processor
RAM
256KB
Flash
1MB
Form Factor
WISE-1520 Starter Kit
Wireless Network
Standard
IEEE802.11 b/g/n
Frequency Band
2.412~2.472 GHz
Channels
World Wide 13
Channels 1-11 with active scan,
Channels 12,13 with passive scan
Topology
Star network
Transmit Power
17 dBm at 1 DSSS
17.25 dBm at 11 CCK
13.5 dBm at 54 OFDM
Receiver Sensitivity
-94.7 dBm at 1 DSSS
-87 dBm at 11 CCK
-73 dBm at 54 OFDM
RF Data Rate
UDP:16Mbps
TCP: 13Mbps
Function
End node
Antenna connector
MHF4 connector
Ethernet
-
Cellular
-
GPS
-
Programing Port
-
Debug Port
1 develop and debug with WISE-ED20
Watchdog Timer
1 TPS3820 WDT, 900ms time-out
Indicator and Button
LED
2, Power LED, CB_PWR_ON LED
Button
2, Reset, Wake Up
Serial Port
-
Switch
2, Re-configuration, RF disable
I/O
RS-232/422/485
1 (by jumper setting)
SPI
1
ADC
2
PWM
2
GPIO
2
I2C
1 (with 1 to 4 port switch)
Sensor
1 Humidity/Temperature sensor
Expansion
SIM Socket
-
Mini PCIe Socket
-
Power
Power Supply Voltage
5V
Power Consumption
-
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 2-Jun-2016


Similar Part No. - 968EMLSAP1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
968EMLSAP1 ADVANTECH-968EMLSAP1 Datasheet
359Kb / 2P
Development Kit for M2.COM LoRa IoT Node WISE-1510
More results

Similar Description - 968EMLSAP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
Advantech Co., Ltd.
WISE-DK1510 ADVANTECH-WISE-DK1510 Datasheet
359Kb / 2P
Development Kit for M2.COM LoRa IoT Node WISE-1510
WISE-DB1500 ADVANTECH-WISE-DB1500 Datasheet
484Kb / 2P
Development Board for M2.COM Module
WISE-1530 ADVANTECH-WISE-1530 Datasheet
364Kb / 2P
M2.COM Wi-Fi / BLE IoT Node
WISE-1520 ADVANTECH-WISE-1520 Datasheet
382Kb / 2P
M2.COM Low Power Wi-Fi IoT Node
logo
Dialog Semiconductor
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
logo
Silicon Laboratories
SLWSTK6121A SILABS-SLWSTK6121A Datasheet
1Mb / 35P
UG351: WGM160P Wi-Fi Module Wireless Starter Kit
Rev. 1.0
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
logo
Nordic Semiconductor
NRF7002_DK NORDIC-NRF7002_DK Datasheet
874Kb / 1P
Development Kit for the nRF7002 Wi-Fi 6 dual-band companion IC
Version 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com