Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F522BKBPMC1 Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB91F522BKBPMC1
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522BKBPMC1 Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB91F522BKBPMC1 Datasheet HTML 79Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 80Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 81Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 82Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 83Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 84Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 85Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 86Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 83 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
0015B4H
ADNCS16 [R/W]
B,H,W
0-000-00
ADNCS17 [R/W]
B,H,W
0-000-00
ADNCS18 [R/W]
B,H,W
0-000-00
ADNCS19 [R/W]
B,H,W
0-000-00
12-bit A/D converter 2/2 unit
0015B8H
ADNCS20 [R/W]
B,H,W
0-000-00
ADNCS21 [R/W]
B,H,W
0-000-00
ADNCS22 [R/W]
B,H,W
0-000-00
ADNCS23 [R/W]
B,H,W
0-000-00
0015BCH
―
―
―
―
0015C0H
―
―
―
―
0015C4H
ADPRTF1 [R] B,H,W
-------- -------- 00000000 00000000
0015C8H
ADEOCF1 [R] B,H,W
-------- -------- 11111111 11111111
0015CCH
ADCS1 [R] B,H,W
0------- --------
ADCH1 [R] B,H,W
---00000
ADMD1 [R/W] B,H,W
0---0000
0015D0H
ADSTPCS8 [R/W]
B,H,W
00000000
ADSTPCS9 [R/W]
B,H,W
00000000
ADSTPCS10 [R/W]
B,H,W
00000000
ADSTPCS11 [R/W]
B,H,W
00000000
0015D4H
to
00174CH
―
―
―
―
Reserved
001750H
SCR0/(IBCR0)[R/W]
B,H,W
0--00000
SMR0[R/W]
B,H,W
000-00-0
SSR0[R/W]
B,H,W
0-000011
ESCR0/(IBSR0)[R/W
] B,H,W
00000000
Multi-UART0
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
001754H
― /(RDR10/(TDR10))[R/W] B,H,W
-------- -------- *3
RDR00/(TDR00)[R/W] B,H,W
-------0 00000000 *1
001758H
SACSR0[R/W] B,H,W
0----000 00000000
STMR0[R] B,H,W
00000000 00000000
00175CH
STMCR0[R/W] B,H,W
00000000 00000000
― /(SCSCR0/SFUR0)[R/W] B,H,W
-------- -------- *3 *4
001760H
― /(SCSTR30)/
(LAMSR0)
[R/W] B,H,W
-------- *3
― /(SCSTR20)/
(LAMCR0)
[R/W] B,H,W
-------- *3
― /(SCSTR10)
/(SFLR10)
[R/W] B,H,W
-------- *3
― /(SCSTR00)/
(SFLR00)
[R/W] B,H,W
-------- *3
001764H
―
― /(SCSFR20)
[R/W] B,H,W
-------- *3
― /(SCSFR10)
[R/W] B,H,W
-------- *3
― /(SCSFR00)
[R/W] B,H,W
-------- *3
001768H
―/(TBYTE30)/
(LAMESR0)
[R/W] B,H,W
-------- *3
―/(TBYTE20)
/(LAMERT0)
[R/W] B,H,W
-------- *3
―/(TBYTE10)/
(LAMIER0)
[R/W] B,H,W
-------- *3
TBYTE00/(LAMRID0)
/
(LAMTID0)
[R/W] B,H,W
00000000
00176CH
BGR0[R/W] H, W
00000000 00000000
― /(ISMK0)
[R/W] B,H,W
-------- *2
― /(ISBA0)
[R/W] B,H,W
-------- *2
001770H
FCR10[R/W]
B,H,W
---00100
FCR00[R/W]
B,H,W
-0000000
FBYTE0[R/W] B,H,W
00000000 00000000
001774H
FTICR0[R/W] B,H,W
00000000 00000000
―
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com