Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F522BKBPMC1 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB91F522BKBPMC1
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522BKBPMC1 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB91F522BKBPMC1 Datasheet HTML 18Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 19Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 20Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 21Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 22Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 23Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 24Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 25Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 22 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
-
-
20 *1
23 *1
26
32
P043
-
A
General-purpose I/O port
A13 *4, *5
-
External bus/Address bit13 output (0)
ICU7_1
-
Input capture ch.7 input (1)
TRG1_1
-
PPG trigger 1 input (1)
-
16
*1
21 *1
24 *1
27
33
P044
-
A
General-purpose I/O port
A14 *3, *4, *5
-
External bus/Address bit14 output (0)
SCS9_0
-
Serial chip select 9 I/O (0)
ICU6_1
-
Input capture ch.6 input (1)
TRG2_1
-
PPG trigger 2 input (1)
14
*1
17
*1
22 *1
25 *1
28
34
P045
-
G
General-purpose I/O port
A15 *2, *3, *4, *5
-
External bus/Address bit15 output (0)
SCK9_0
-
Multi-function serial ch.9 clock I/O (0)
AN46
-
ADC analog 46 input
ICU5_1
-
Input capture ch.5 input (1)
TRG3_1
-
PPG trigger 3 input (1)
TOT1_2
-
Reload timer ch.1 output (2)
-
-
-
26 *1
29
35
P046
-
A
General-purpose I/O port
A16 *5
-
External bus/Address bit16 output (0)
ICU4_1
-
Input capture ch.4 input (1)
TRG4_1
-
PPG trigger 4 input (1)
-
-
-
-
-
36
P176
-
A
General-purpose I/O port
TRG10_0
-
PPG trigger 10 input (0)
15
*1
18
*1
23 *1
27 *1
30
37
P047
-
B
General-purpose I/O port
A17 *2, *3, *4, *5
-
External bus/Address bit17 output (0)
AN45
-
ADC analog 45 input
TRG8_0
-
PPG trigger 8 input (0)
TIN3_2
-
Reload timer ch.3 event input (2)
SOT0_1
-
Multi-function serial ch.0 serial data output
(1)
-
-
-
-
-
38
P177
-
A
General-purpose I/O port
TRG11_0
-
PPG trigger 11 input (0)
-
-
-
28 *1
31
39
P050
-
A
General-purpose I/O port
A18 *5
-
External bus/Address bit18 output
TRG5_1
-
PPG trigger 5 input (1)
PPG33_0
-
PPG ch.33 output (0)
-
-
-
-
32
40
P051
-
A
General-purpose I/O port
A19
-
External bus/Address bit19 output
TRG9_0
-
PPG trigger 9 input (0)
-
-
-
-
33
41
P052
-
A
General-purpose I/O port
A20
-
External bus/Address bit20 output
PPG34_0
-
PPG ch.34 output (0)
INT14_0
-
INT14 External interrupt input (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com