Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL15XY Datasheet(PDF) 1 Page - Micronas

Part # HAL15XY
Description  First ISO 26262 Compliant Low-Power Hall Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL15XY Datasheet(HTML) 1 Page - Micronas

  HAL15XY Datasheet HTML 1Page - Micronas HAL15XY Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 15xy
April/2016
PRODUCT INFORMATION
HAL
® 15xy
First ISO 26262 Compliant Low-Power Hall Switch
The HAL 15xy family consists of different
Hall switches containing a temperature-
compensated Hall plate with active offset
compensation and comparator, available
optionally with open-drain or current output.
As global Hall switch supplier with long-term
experience since 1993, 1.5 billion shipped
automotive switches and leading expertise
in high-quality Hall-effect sensor solutions,
Micronas expands its large switch portfolio
with the new HAL 15xy family.
All CMOS wafer processing is done in
Micronas’ facilities in Freiburg (Germany) to
ensure best quality control and highest flex-
ibility.
As improved successor of the well-known
HAL 5xy family, the HAL 15xy is available
as 3-wire version with short-circuit pro-
tected open-drain output and 2-wire version
with current output. HAL 15xy is available in
the smallest SOT23 as well, as TO92UA
package and provides lowest power con-
sumption, fast response times, and special
safety features like a unique power-on self-
test for greater customer benefit at an
excellent price-performance ratio.
With different switching-point versions, the
HAL 15xy switch family serves a broad vari-
ety of automotive and industrial applications
under harsh temperature conditions.
HAL 15xy fulfills the latest quality and
functional safety standards as AEC-Q100
qualified and ISO 26262 ASIL ready device,
enabling our customers to target even the
most safety-critical applications.
Features
◆ Sampling and output refresh time of 2 s
◆ 3-wire version with a short-circuit pro-
tected open-drain output
◆ 2-wire version with current output
◆ Low current consumption of typ. 1.6 mA
◆ Wide supply voltage operation from
2.7 V to 24 V
◆ Overvoltage protection capability
up to 40 V
◆ Available in the small SOT23 and
TO92UA package
◆ High HBM ESD performance
of up to
8 kV
◆ Reverse-voltage protection at supply pin
◆ Operating with static and dynamic mag-
netic fields up to 12 kHz with low output
jitter. Customized versions are possible
up to 93 kHz.
◆ AEC-Q100 qualification
◆ ASIL ready device (SPFM 60%)
◆ Additional functional safety features e.g.:
– Power on self-test (signal path test
and wire-break detection)
– Monitoring of bias, undervoltage, and
current level
– Overtemperature protection
– Output current limitation
– Defined fail safe state
◆ Wide junction temperature range from 
40 °C to 170 °C, specially designed for
operation in harsh environments
◆ High robustness of magnetic character-
istics against mechanical stress
◆ Broad portfolio of temperature-compen-
sated constant switching points


Similar Part No. - HAL15XY

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
57Kb / 2P
Current Transducer HAL 50~600-S
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
logo
Micronas
HAL1000 MICRONAS-HAL1000 Datasheet
813Kb / 28P
Programmable Hall Switch
HAL1000 MICRONAS-HAL1000 Datasheet
752Kb / 102P
Programmer Board
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
813Kb / 28P
Programmable Hall Switch
More results

Similar Description - HAL15XY

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4913 INFINEON-TLE4913 Datasheet
197Kb / 12P
Low Power Hall Switch
V 2.2, 2004-03-09
TLE4917 INFINEON-TLE4917 Datasheet
259Kb / 13P
Low Power Hall Switch
2002-08-22
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Infineon Technologies A...
TLE4916-1K INFINEON-TLE4916-1K Datasheet
1Mb / 16P
Low Power Automotive Hall Switch
Rev.1.0, 2010-02-23
TLE4917 INFINEON-TLE4917_06 Datasheet
263Kb / 13P
Low Power Hall Switch
2002-08-22
logo
Unisonic Technologies
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
logo
Infineon Technologies A...
TLE4999I3 INFINEON-TLE4999I3 Datasheet
248Kb / 2P
XENSIV™ magnetic position sensors – world’s first fully ISO 26262 compliant linear Hall sensor for high precision applications
05 / 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com