Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45284 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45284
Description  QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45284 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45284 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45284 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45284 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.076 lbs [34.47 g]
.
Mating Cycles
100 Cycles
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Tri-Metal
Coupling Nut
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-40 to +105 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188 PE45284
URL: https://www.pasternack.com/qma-male-rg174-rg316-rg188-connector-pe45284-p.aspx
PE45284 REV 1.0
RF Connectors Technical Data Sheet
PE45284
QMA Male Right Angle Connector Crimp/Solder
Attachment for RG174, RG316, RG188



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com